Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4002 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 10Page - Linear Technology LTC4002 Datasheet HTML 11Page - Linear Technology LTC4002 Datasheet HTML 12Page - Linear Technology LTC4002 Datasheet HTML 13Page - Linear Technology LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology LTC4002 Datasheet HTML 17Page - Linear Technology LTC4002 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC3783
3783f
Figure 6 illustrates these various quantities in relation to
one another.
Typically, in order to avoid visible flicker, fPWM should be
greater than 120Hz. Assuming inductor and capacitor
sizing which is close to discontinuous operation, 2 fOSC
cycles are sufficient for proper PWM operation. Thus,
within the 1MHz rated maximum fOSC, a dimming ratio of
1/DPWM = 3000 is possible.
output current needs to be reflected back to the input in
order to dimension the power MOSFET properly. Based on
the fact that, ideally, the output power is equal to the input
power, the maximum average input current is:
I
I
D
IN MAX
OUT MAX
MAX
()
()
–
=
1
The peak input current is:
I
I
D
IN PEAK
OUT MAX
MAX
()
()
•
–
=+
⎛
⎝⎜
⎞
⎠⎟
1
21
χ
The maximum duty cycle, DMAX, should be calculated at
minimum VIN.
Boost Converter: Ripple Current
∆IL and the ‘χ’ Factor
The constant ‘χ’ in the equation above represents the
percentage peak-to-peak ripple current in the inductor,
relative to its maximum value. For example, if 30% ripple
current is chosen, then χ = 0.3, and the peak current is
15% greater than the average.
For a current mode boost regulator operating in CCM,
slope compensation must be added for duty cycles above
50% in order to avoid subharmonic oscillation. For the
LTC3783, this ramp compensation is internal. Having an
internally fixed ramp compensation waveform, however,
does place some constraints on the value of the inductor
and the operating frequency. If too large an inductor is
used, the resulting current ramp (
∆IL)willbesmallrelative
to the internal ramp compensation (at duty cycles above
50%), and the converter operation will approach voltage
mode (ramp compensation reduces the gain of the current
loop). If too small an inductor is used, but the converter is
still operating in CCM (near critical conduction mode), the
internal ramp compensation may be inadequate to prevent
subharmonic oscillation. To ensure good current mode
gain and to avoid subharmonic oscillation, it is recom-
mended that the ripple current in the inductor fall in the
range of 20% to 40% of the maximum average current. For
example, if the maximum average input current is 1A,
choose a
∆ILbetween0.2Aand0.4A,andcorrespondingly
a value ‘χ’ between 0.2 and 0.4.
OPERATIO
Figure 6. PWM Dimming Parameters
PWMIN
GATE
3783 F06
# = N
DPWM/fPWM
1/fPWM
1/fOSC
Boost Converter: Duty Cycle Considerations
For a boost converter operating in a continuous conduc-
tion mode (CCM), the duty cycle of the main switch is:
D
VV
V
VV
OUT
D
IN
OUT
D
=
+
+
–
where VD is the forward voltage of the boost diode. For
converters where the input voltage is close to the output
voltage, the duty cycle is low, and for converters that
develop a high output voltage from a low input voltage, the
duty cycle is high. The maximum output voltage for a
boost converter operating in CCM is:
V
V
D
V
OUT MAX
IN MIN
MAX
D
()
()
–
–
=
1
The maximum duty cycle capability of the LTC3783 is
typically 90%. This allows the user to obtain high output
voltages from low input supply voltages.
Boost Converter: The Peak and Average Input Currents
The control circuit in the LTC3783 is measuring the input
current (either by using the RDS(ON) of the power MOSFET
or by using a sense resistor in the MOSFET source), so the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com