Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4002 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 16Page - Linear Technology LTC4002 Datasheet HTML 17Page - Linear Technology LTC4002 Datasheet HTML 18Page - Linear Technology LTC4002 Datasheet HTML 19Page - Linear Technology LTC4002 Datasheet HTML 20Page - Linear Technology LTC4002 Datasheet HTML 21Page - Linear Technology LTC4002 Datasheet HTML 22Page - Linear Technology LTC4002 Datasheet HTML 23Page - Linear Technology LTC4002 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC3783
3783f
OPERATIO
Figure 12. LED Buck Application
Using the LTC3783 for Buck Applications
As shown in Figure 12, high side current sensing also
allows the LTC3783 to control a functional buck con-
verter when load voltage is always sufficiently less than
VIN. In this scheme the input voltage to the inductor is
lowered by the load voltage. The boost converter now
sees a VIN’ = VIN – VLOAD, meaning the controller is now
boosting from (VIN – VLOAD) to VIN.
LTC3783
RUN
PWMIN
ITH
SS
VREF
FBP
FBN
FREQ
SYNC
VIN
OV/FB
PWMOUT
ILIM
GATE
SENSE
INTVCC
GND
VIN
6V TO 36V
LED STRING
GND
3783 F12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com