Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4002 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology LTC4002 Datasheet HTML 17Page - Linear Technology LTC4002 Datasheet HTML 18Page - Linear Technology LTC4002 Datasheet HTML 19Page - Linear Technology LTC4002 Datasheet HTML 20Page - Linear Technology LTC4002 Datasheet HTML 21Page - Linear Technology LTC4002 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC3783
3783f
Layout section for more information on component place-
ment). Lab breadboards generally suffer from excessive
series inductance (due to inter-component wiring), and
these parasitics can make the switching waveforms look
significantly worse than they would be on a properly
designed PC board.
The output capacitor in a boost regulator experiences high
RMS ripple currents. The RMS output capacitor ripple
current is:
II
VV
V
RMS COUT
OUT MAX
OUT
IN MIN
IN MIN
()
(
)
()
()
•
–
Note that the ripple current ratings from capacitor manu-
facturers are often based on only 2000 hours of life. This
makes it advisable to further derate the capacitor or to
choose a capacitor rated at a higher temperature than
required. Several capacitors may also be placed in parallel
to meet size or height requirements in the design.
Boost Converter: Input Capacitor Selection
The input capacitor of a boost converter is less critical than
the output capacitor, due to the fact that the inductor is in
series with the input, and hence, the input current wave-
form is continuous (see Figure 10). The input voltage
source impedance determines the size of the input capaci-
tor, which is typically in the range of 10
µF to 100µF. A low
ESR capacitor is recommended, although it is not as
critical as for the output capacitor.
The RMS input capacitor ripple current for a boost con-
verter is:
I
V
Lf
D
RMS CIN
IN MIN
MAX
()
()
.•
•
•
03
Please note that the input capacitor can see a very high
surge current when a battery is suddenly connected to the
input of the converter, and solid tantalum capacitors can
fail catastrophically under these conditions. Be sure to
specify surge-tested capacitors!
Boost Converter Design Example
The design example given here will be for the circuit shown
in Figure 1. The input voltage is 12V, and the output voltage
is 25V at a maximum load current of 0.7A (1A peak).
1. The duty cycle is:
D
VV
V
VV
OUT
D
IN
OUT
D
=
+
+
=
+
+
=
–. –
.
%
25 0 4 12
25 0 4
53
2. The operating frequency is chosen to be 1MHz to
maximize the PWM dimming range. From Figure 2, the
resistor from the FREQ pin to ground is 6k.
3. An inductor ripple current of 40% of the maximum load
current is chosen, so the peak input current (which is also
the minimum saturation current) is:
I
I
D
IN PEAK
OUT MAX
MAX
()
()
•
–
.•
.
=+
⎛
⎝⎜
⎞
⎠⎟
=
1
21
12
0
χ
7
7
10 53
18
–.
.
=
A
The inductor ripple current is:
∆ =
−
=
−
=
IL
OUT MAX
MAX
I
D
A
χ •. •
.
.
.
()
1
04
07
10 53
06
And so the inductor value is:
L
V
If
D
V
AMHz
µH
IN MIN
L
MAX
==
=
()
•
•
.•
•.
∆
12
06
1
053
11
4. RSENSE should be:
R
V
I
mV
SENSE
SENSE MAX
IN PEAK
==
05
0 5 150
1
.•
.•
.
()
()
8
8
42
A
m
=
Ω
OPERATIO
IIN
IL
Figure 10. Inductor and Input Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com