Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP1504CB-RWC-Z Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP1504CB-RWC-Z
Description  T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR WHITE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1504CB-RWC-Z Datasheet(HTML) 2 Page - Kingbright Corporation

  WP1504CB-RWC-Z Datasheet HTML 1Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 2Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 3Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 4Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 5Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 6Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAH7947
REV NO: V.1
DATE: SEP/29/2007
PAGE: 2 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102009848
Selection Guide
Part No.
Dice
Lens Type
Viewing
Angle
Note1
Min.
Typ.
2
θ1/2
WP1504CB/RWC/Z
WHITE (InGaN)
WATER CLEAR
2800
7500
20
°
luminous Intensity
Note2
Iv(mcd) @ 20mA
Φv (mlm)
Note3
@ 20mA
Typ.
2100
Parameter
Symbol
Value
Unit
Power dissipation
Pt
111
mW
Reverse Voltage
VR
5
V
Junction temperature
TJ
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +100
°C
DC Forward Current
IF
30
mA
Peak Forward Current
Note4
IFM
100
mA
Thermal resistance
Junction/ambient
Note5
Rth JA
350
°C/W
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Value
Unit
Chromaticity coordinate x acc.to CIE1931
IF=20mA [Typ.]
X
Note1
0.31
-
Chromaticity coordinate y acc.to CIE1931
IF=20mA [Typ.]
Y
Note1
0.31
-
Forward Voltage IF=20mA [Min.]
VF
Note2
2.7
V
Forward Voltage IF=20mA [Typ.]
3.2
Forward Voltage
IF=20mA [Max.]
3.7
Reverse Current (VR=5V)
[Typ.]
IR
0.01
μA
Reverse Current (VR=5V)
[Max.]
10
Temperature coefficient of x
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TC x
-0.1
10
-3 /
°C
Temperature coefficient of y
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCy
-0.2
10
-3 /
°C
Temperature coefficient of VF
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCV
-2.5
mV/
°C
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.
4.1/10 Duty Cycle, 0.1ms Pulse Width.
5.Rth(J-A) Results from mounting on PC board FR4 (pad size
≥16 mm2 per pad),
Notes:
1.Chromaticity coordinates are measured by a current pulse of 20ms with a tolerance of ±0.02 in X and Y color coordinates.
2.Forward voltage is measured with a current pulse of 10ms at a tolerance of ± 0.1V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com