Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP1504CB-RWC-Z Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP1504CB-RWC-Z
Description  T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR WHITE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1504CB-RWC-Z Datasheet(HTML) 3 Page - Kingbright Corporation

  WP1504CB-RWC-Z Datasheet HTML 1Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 2Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 3Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 4Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 5Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 6Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAH7947
REV NO: V.1
DATE: SEP/29/2007
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102009848
Brightness codes
luminous Intensity
Note1
Iv(mcd) @ 20mA
Φv (mlm)
Note2
@ 20mA
Code.
Min.
Max.
Typ.
ZA
2800
3800
900
ZB
3300
4500
1100
ZC
3800
5500
1300
ZD
4700
6500
1600
ZE
5700
7500
1900
ZF
6700
8500
2200
ZG
7500
10000
2500
ZH
8000
12000
2800
ZM
10000
16000
3200
ZN
12000
20000
3700
ZP
16000
24000
4300
White
WP1504CB/RWC/Z
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the
typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com