Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP1504CB-RWC-Z Datasheet(PDF) 5 Page - Kingbright Corporation

Part # WP1504CB-RWC-Z
Description  T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR WHITE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1504CB-RWC-Z Datasheet(HTML) 5 Page - Kingbright Corporation

  WP1504CB-RWC-Z Datasheet HTML 1Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 2Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 3Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 4Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 5Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 6Page - Kingbright Corporation WP1504CB-RWC-Z Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPEC NO: DSAH7947
REV NO: V.1
DATE: SEP/29/2007
PAGE: 5 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102009848
White CIE
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.21 0.22 0.23 0.24 0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.38
a0
a1
b1
X
0.264 0.283 0.296
0.280
X
0.248 0.275 0.283
0.264
X
0.283 0.330 0.330
0.287
Y
0.267 0.305 0.276
0.248
Y
0.286 0.321 0.305
0.267
Y
0.305 0.360 0.339
0.295
Reference CCT: 14000~9000k
Reference CCT: 14000~9000k
Reference CCT: 9000~5600k
b2
b3
b4
X
0.287 0.330 0.330
0.296
X
0.275 0.298 0.306
0.283
X
0.298 0.321 0.330
0.306
Y
0.295 0.339 0.318
0.276
Y
0.321 0.350 0.332
0.305
Y
0.350 0.379 0.360
0.332
Reference CCT: 9000~5600k
Reference CCT: 9000~7000k
Reference CCT: 7600~5600k
c0
c1
X
0.330 0.361 0.356
0.330
X
0.321 0.366 0.361
0.330
Y
0.360 0.385 0.351
0.318
Y
0.379 0.419 0.385
0.360
Reference CCT: 5600~4600k
Reference CCT: 6000~4600k
a1
a0
b3
b1
b2
b4
c0
c1
WP1504CB/RWC/Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com