Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPB1002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMPB1002
Description  Coaxial RF GS Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPB1002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMPB1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REV 1.1 Page 1 of 7
Copyright © 2018
Coaxial RF GS probe, part number FMPB1002, from Fairview Microwave is in-stock
and ships same day. This probe is part of a full family of GS (SG) and GSG probe
versions that are well suited for PCB probing, device characterization and RF
probing on test fixtures. The probes easily connect to a RF coaxial cable to connect
RF test equipment, including network analyzers, spectrum analyzers, signal
sources or BERTs. While they are designed to be used manually with a coaxial
cable assembly, they can also be used with Fairview Microwave’s optional probe
positioner for added stability and probe repeatability. Differential measurements
are also possible by using pairs of RF GS probes in tandem with skew matched
cable assemblies.
Fairview’s coaxial RF GS probe datasheet specifications and outline drawing are
shown in this PDF fellow. Our extensive offering of RF, microwave and millimeter
wave interconnects allows designers to configure and customize their signal
connections however they like. From making consistent RF probe measurements
or probing and characterizing PCBs, Fairview Microwave has the right probing and
connection solutions to meet your needs.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
20
GHz
Impedance
50
Ohms
Return Loss
10
dB
Insertion Loss
0.5
dB
Mechanical Specifications
Probe
Configuration
GS
Pin Type
Pogo Pin
Pitch
800 µm [0.03 in]
Connector
Connector Type
3.5mm Female
Size
Length
1.18 in [29.97 mm]
Weight
0.008 lbs [3.63 g]
Mechanical Specification Notes:
3.5mm Female is compatible with 3.5mm(M), 2.92mm(M) and SMA(M) cable connec-
tions
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Coaxial RF GS Probe with 800 Micron Pitch Up to
20 GHz with 3.5mm Interface and Cable Mount
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
•Single Channel
•Cable Mount
•GS Tip
•3.5mm Female Connector
•800 µm Pitch
Features:
• 20 GHz Performance
• Good Return Loss of 10 dB
• Convenient Cable Mount
• Gold Plated GS Contacts
Applications:
• S-parameter Probing
• RF Coaxial Probing
• Signal Integrity Measurements
• Device Characterization
• Coplanar Waveguide Probing
FMPB1002
DATA SHEET


Similar Part No. - FMPB1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPB1000 FAIRVIEW-FMPB1000 Datasheet
747Kb / 7P
Coaxial RF GSG Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1001 FAIRVIEW-FMPB1001 Datasheet
701Kb / 7P
Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1003 FAIRVIEW-FMPB1003 Datasheet
696Kb / 7P
Coaxial RF GS Probe with 1,500 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
REV 1.1
FMPB1004 FAIRVIEW-FMPB1004 Datasheet
263Kb / 3P
Coaxial RF GSG Probe with 800 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount
REV B
FMPB1005 FAIRVIEW-FMPB1005 Datasheet
772Kb / 6P
Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount
REV 1.0
More results

Similar Description - FMPB1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE2PB1000 PASTERNACK-PE2PB1000 Datasheet
743Kb / 8P
RF Coaxial GSG Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1001 PASTERNACK-PE2PB1001 Datasheet
711Kb / 8P
RF Coaxial GSG Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1002 PASTERNACK-PE2PB1002 Datasheet
729Kb / 8P
RF Coaxial GS Probe, 800 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1003 PASTERNACK-PE2PB1003 Datasheet
707Kb / 8P
RF Coaxial GS Probe, 1,500 Micron Pitch, Up to 20 GHz, Cable Mount, 3.5mm Interface
PE2PB1004 PASTERNACK-PE2PB1004 Datasheet
837Kb / 7P
RF Coaxial GSG Probe
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
RF Coaxial GS Probe
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com