Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4AI Datasheet(PDF) 2 Page - LUMEL S.A.

Part # S4AI
Description  MOdUlE Of ANAlOg iNPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

S4AI Datasheet(HTML) 2 Page - LUMEL S.A.

  S4AI Datasheet HTML 1Page - LUMEL S.A. S4AI Datasheet HTML 2Page - LUMEL S.A. S4AI Datasheet HTML 3Page - LUMEL S.A. S4AI Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.lumel.com.pl
2
Digital interface
interface type
transmission protocol
remarks
RS-485
Modbus RTU 8N2, 8E1, 8O1, 8N1
Address 1..247
baud rate: 1.2, 2.4, 4.8, 9.6, 19.2, 38.4, 57.6, 115.2 kbit/s,
USB (for configuration)
Modbus RTU 8N2 , 1.1 / 2.0
baud rate: 115.2 kbps
TEchNicAl dATA
inPUtS
input type
range
internal resistance
Basic error
Sensor current
Maximum wire resistance
Voltage input
-12...-10...0...10...12 V
> 1 MΩ
0.1 % of range
-
-
current input
-24...-20...0...20...24 mA
10 Ω ±1%
0.1 % of range
-
-
Pt100 sensor input
-200 °c…850 °c
-
0.1 % of range
300 µA ±2%
< 20 Ω
Pt500 sensor input
-200 °c…850 °c
-
0.1 % of range
300 µA ±2%
< 20 Ω
Pt1000 sensor input
-200 °c…850 °c
-
0.1 % of range
300 µA ±2%
< 20 Ω
Voltage input (shunt)
-180...-150...0...150...180 mV
> 50 kΩ
0.1 % of range
-
-
Thermocouple J input
-210 °c...1200 °c
-
0.1 % of range
-
-
Thermocouple K input
-250 °c...1372 °c
-
0.1 % of range
-
-
Thermocouple S input
-50 °c...1768 °c
-
0.1 % of range
-
-
S4ai - MOdUlE Of ANAlOg iNPUTS
galvanic iSolation
featUreS
-20...20
mA
4x
RS
485
external featUreS
overall dimensions
53 x 110 x 60,5 mm
Weight
0.2 kg
Protection grade
from frontal side: iP50
from terminal side: iP00
rateD oPerating conDitionS
Supply voltage
85...253 V a.c. 40..400 hz; 90...300 V d.c.
20...40 V a.c. 40...400 hz, 20...60 V d.c.
power consumption ≤ 3 VA
Preheating time
30 min.
ambient temperature
-10…23…55°c
Humidity
< 95%
inadmissible condensation
operating position
vertical
external magnetic field
0..40..400 A/m
inPUtS
oUtPUtS
RS
485
RS
485
Zasilanie
RS
485
Zasilanie
RS
485
Zasilanie
alarm
input 2
software
eCon
MOD
BUS
Linear
chrtcs.
-10...10
V
-150...150
mV
2x
input 1
RS
485
Zasilanie
RS
485
Zasilanie
input 4
input 3
outputs
oUtPUtS
output type
remarks
Alarm output
logic, maximat output current: 20 mA,
off state: 0 V, on state: 5 V
acc. to TTl levels acc. to EiA JESd12-6
explanation:
isolation 300 V
isolation 50 V
Supply



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com