Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4AI Datasheet(PDF) 4 Page - LUMEL S.A.

Part # S4AI
Description  MOdUlE Of ANAlOg iNPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

S4AI Datasheet(HTML) 4 Page - LUMEL S.A.

  S4AI Datasheet HTML 1Page - LUMEL S.A. S4AI Datasheet HTML 2Page - LUMEL S.A. S4AI Datasheet HTML 3Page - LUMEL S.A. S4AI Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.lumel.com.pl
4
ORdERiNg cOdE
S4ai - MOdUlE Of ANAlOg iNPUTS
Module of analog outputs S4Ai - X
X
XX
X
X
inputs:
4 programmable analog inputs: ±10 V - ±20 mA
1
4 programmable analog inputs: Pt100, Pt500, Pt1000, J, K,
S, ±150 mV
2
acc.to customer’s request*
X
Supply voltage:
85...253 V a.c. , 90...300 V d.c.
1
20...40 V a.c. , 20...60 V d.c.
2
version:
standard
00
custom-made*
XX
language:
Polish
P
English
E
other*
X
acceptance tests:
without additional quality requirements
0
with an extra quality inspection certificate
1
acc.to customer’s request
X
n25-configurabledigital
indicator
n30U-programmabledigital
meter of temp., resistance
and standard signals
n21-temperatureandd.c.
standard signals universal digital
meter with OlEd
free
econ software
n43-Railmounted3-phasepowernetwork
meter N43
S4ao-modulof4analog
outputs
SEE AlSO:
order example:
The code S4ai-1100e0 means:
S4ai – module S4Ai,
1 – 4 analog inputs: ±10 V - ±20 mA,
1 – 85..253 V a.c. / d.c.
00 – standard version,
e – user's manual in English,
0 – without additional quality requirements.
* only after agreeing with the manufacturer
export department:
tel.: (+48 68) 45 75 139, 45 75 233, 45 75 321, 45 75 386
fax.: (+48 68) 32 54 091
e-mail: export@lumel.com.pl
lUMel S.a.
ul. Sulechowska 1, 65-022 Zielona góra, POlANd
tel.: +48 68 45 75 100, fax +48 68 45 75 508
www.lumel.com.pl,
e-mail: lumel@lumel.com.pl
for more information about lumel products
please visit our website:
www.lumel.com.pl
Join us at facebook!
S4Ai-19_en



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com