Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4AI Datasheet(PDF) 3 Page - LUMEL S.A.

Part # S4AI
Description  MOdUlE Of ANAlOg iNPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

S4AI Datasheet(HTML) 3 Page - LUMEL S.A.

  S4AI Datasheet HTML 1Page - LUMEL S.A. S4AI Datasheet HTML 2Page - LUMEL S.A. S4AI Datasheet HTML 3Page - LUMEL S.A. S4AI Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.lumel.com.pl
3
S4ai - MOdUlE Of ANAlOg iNPUTS
Safety anD coMPaBility reqUireMentS
electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
isolation between circuits
basic
acc. to EN 61010-1
Polution level
2
acc. to EN 61010-1
installation category
iii
acc. to EN 61010-1
Maximal phase-to-earth voltage
• for supplying circuits 300 V
• for other circuits 50 V
acc. to EN 61010-1
altitude a.s.l.
< 2000 m
acc. to EN 61010-1
version witn inputs Pt100, Pt500, Pt1000,
thermocouples JKS, ±150 mV
cONNEcTiON diAgRAMS
version with inputs ±10 V, ±20 mA
Electrical connection of S4Ai module
alarm outputs
supply
ON/ ERROR diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com