Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA-W5AM Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LA-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-W5AM Datasheet(HTML) 4 Page - ams-OSRAM AG

  LA-W5AM Datasheet HTML 1Page - ams-OSRAM AG LA-W5AM Datasheet HTML 2Page - ams-OSRAM AG LA-W5AM Datasheet HTML 3Page - ams-OSRAM AG LA-W5AM Datasheet HTML 4Page - ams-OSRAM AG LA-W5AM Datasheet HTML 5Page - ams-OSRAM AG LA-W5AM Datasheet HTML 6Page - ams-OSRAM AG LA-W5AM Datasheet HTML 7Page - ams-OSRAM AG LA-W5AM Datasheet HTML 8Page - ams-OSRAM AG LA-W5AM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2015-12-16
4
Version 1.2
LA W5AM
Characteristics (TS = 25 °C; IF = 400 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
625
nm
Dominant Wavelength
2) page 23
Dominantwellenlänge
2) Seite 23
(min.)
(typ.)
(max.)
λdom
λdom
λdom
612
617
624
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
16
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
170
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
2.00
2.25
2.60
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
3) page 23
3) Seite 23
(typ.)
(max.)
R
R
6.5
11
K/W
K/W
th JS
th JS
Thermal resistance junction / solder point
Wärmewiderstand Sperrschicht / Lötpad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com