Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA-W5AM Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LA-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-W5AM Datasheet(HTML) 1 Page - ams-OSRAM AG

  LA-W5AM Datasheet HTML 1Page - ams-OSRAM AG LA-W5AM Datasheet HTML 2Page - ams-OSRAM AG LA-W5AM Datasheet HTML 3Page - ams-OSRAM AG LA-W5AM Datasheet HTML 4Page - ams-OSRAM AG LA-W5AM Datasheet HTML 5Page - ams-OSRAM AG LA-W5AM Datasheet HTML 6Page - ams-OSRAM AG LA-W5AM Datasheet HTML 7Page - ams-OSRAM AG LA-W5AM Datasheet HTML 8Page - ams-OSRAM AG LA-W5AM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2015-12-16
1
2015-12-16
Golden DRAGON
® Plus
Datasheet
Version 1.2
LA W5AM
This Golden DRAGON® family member allows the
design of small size high brightness light sources,
while meeting highest lifetime requirements.
Dieses Mitglied der Golden-DRAGON®-Familie
ermöglicht die Entwicklung kleiner und dennoch heller
Lichtquellen - unter höchsten Ansprüchen an deren
Lebenserwartung.
Features:
Besondere Merkmale:
Package: white SMT package with clear silicone
lens, chip level conversion
Gehäusetyp: white SMT package with clear
silicone lens, chip level conversion
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 170°
Abstrahlwinkel bei 50 % I
V: 170°
Luminous Flux: typ. 74 lm
Lichtstrom: typ. 74 lm
Luminous efficacy: typ. 82 lm/W
Lichtausbeute: typ. 82 lm/W
Applications
Anwendungen
Traffic lights and signaling
Ampel- und Signalanlagen
Backlighting (switches, keys, displays, illuminated
advertising, general lighting...)
Hinterleuchtung (LCD, Handy, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
Specialty lighting (flashlights, bicycle headlamps,
security lights)
Spezialanwendungen (Blitzlichter,
Fahrradfrontleuchten, Notlichter)
Accent and effect lighting
Akzent- und Effektbeleuchtung
Marker lights (e.g. steps, exit ways, etc.)
Markierungsbeleuchtnung (z.B. Stufen,
Fluchtwege, etc.)
Architectural lighting
Architekturbeleuchtung
Outdoor lighting
Außenbeleuchtung
Flood light and wall washers
Flutlichter und Wandfluter
Beacons and warning lights
Blitz- und Warnleuchten
Color: 617 nm (amber)
Farbe: 617 nm (amber)


Similar Part No. - LA-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-W5AM OSRAM-LA-W5AM Datasheet
625Kb / 16P
white SMD package, colorless clear silicone resin, clear silicone lens
More results

Similar Description - LA-W5AM

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
logo
OSRAM GmbH
LYW5SM OSRAM-LYW5SM Datasheet
645Kb / 21P
Golden DRAGON
LTW5AM OSRAM-LTW5AM Datasheet
1Mb / 23P
Golden DRAGON Plus
LAW5SM OSRAM-LAW5SM_18 Datasheet
1Mb / 22P
Golden DRAGON
logo
Ledil, Inc.
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
~16째 diffused spot beam optimized for Osram Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon
CA12047 LEDIL-CA12047_18 Datasheet
2Mb / 4P
~35째 15째 oval beam optimized for Osram Golden Dragon
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
~15째 spot beam optimized for Golden Dragon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com