Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA-W5AM Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LA-W5AM
Description  Golden DRAGON® Plus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-W5AM Datasheet(HTML) 5 Page - ams-OSRAM AG

  LA-W5AM Datasheet HTML 1Page - ams-OSRAM AG LA-W5AM Datasheet HTML 2Page - ams-OSRAM AG LA-W5AM Datasheet HTML 3Page - ams-OSRAM AG LA-W5AM Datasheet HTML 4Page - ams-OSRAM AG LA-W5AM Datasheet HTML 5Page - ams-OSRAM AG LA-W5AM Datasheet HTML 6Page - ams-OSRAM AG LA-W5AM Datasheet HTML 7Page - ams-OSRAM AG LA-W5AM Datasheet HTML 8Page - ams-OSRAM AG LA-W5AM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.2
LA W5AM
2015-12-16
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
Luminous Flux 1) page 23
Luminous Flux 1) page 23
Luminous Intensity
4) page 23
Gruppe
Lichtstrom 1) Seite 23
Lichtstrom 1) Seite 23
Lichtstärke 4) Seite 23
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
JX
45
52
12
JY
52
61
14
JZ
61
71
17
KX
71
82
19
KY
82
97
22
Group
amber
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
612
616
3
616
620
4
620
624
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com