Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LCRDIE6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST7LCRDIE6
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST7LCRDIE6 Datasheet HTML 10Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 11Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 12Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 13Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 14Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 15Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 16Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 17Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
ST7LCR
14/29
4.3
Supply and reset characteristics
Table 9 characteristics are measured for TA = 0 to +70 °C, and VDD - VSS = 5.5 V unless
otherwise specified.
4.4
Clock and timing characteristics
4.4.1
General timings
Table 10 are measured at TA=0 to +70 °C unless otherwise specified.
tOHL
Output high to low level fall time for high
sink I/O port pins (Port D)(2)
Cl=50 pF
68
13
ns
tOHL
Output high to low level fall time for
standard I/O port pins (Port A, B or C)(2)
18
23
tOLH
Output L-H rise time (Port D)(2)
79
14
tOLH
Output L-H rise time for standard I/O port
pins (Port A, B or C)(2)
19
28
tITEXT
External interrupt pulse time
1
tCPU
1.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
2.
Guaranteed by design, not tested in production.
Table 8.
I/O port pins characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 9.
Low voltage detector and supervisor (LVDs)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+
Reset release threshold (VDD rising)
3.7
3.9
V
VIT-
Reset generation threshold (VDD falling)
3.3
3.5
V
Vhys
Hysteresis VIT+ - VIT-
(1)
1.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
200
mV
VtPOR
VDD rise time rate
(1)
20
ms/V
Table 10.
General timings
Symbol
Parameter
Conditions
Min
Typ(1)
1.
Data based on typical application software.
Max
Unit
tc(INST)
Instruction cycle time
23
12
tCPU
fCPU=4 MHz
500
750
3000
ns
tv(IT)
Interrupt reaction time
tv(IT) = ∆tc(INST) + 10
(2)
2.
Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles
needed to finish the current instruction execution.
10
22
tCPU
fCPU=4 MHz
2.5
5.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com