Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LCRDIE6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7LCRDIE6
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7LCRDIE6 Datasheet HTML 20Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 21Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 22Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 23Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 24Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 25Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 26Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 27Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ST7LCR
24/29
5.1
Package mechanical data
Figure 7.
24-lead very thin fine pitch quad flat no-lead 5x5 mm 0.65 mm pitch, package outline
1
6
7
12
13
18
19
24
D
e
b
E2
e
E
D2
A1
A
ddd
Y1_ME
K
L
L2
K2
K2
A3
Table 23.
24-lead very thin fine pitch quad flat no-lead 5x5mm,0.65mm pitch, mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.000
0.020
0.050
0.0000
0.0010
0.0020
A3
0.020
0.0008
b
0.250
0.300
0.350
0.0098
0.0118
0.0138
D
5.000
0.1969
D2
3.500
3.600
3.700
0.1378
0.1417
0.1457
E
5.000
0.1969
D2
3.500
3.600
3.700
0.1378
0.1417
0.1457
e
0.650
0.0256
L
0.350
0.450
0.550
0.0138
0.0177
0.0217
L2
0.870
0.875
0.880
0.0343
0.0344
0.0346
ddd
0.080
0.0031
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com