Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LCRDIE6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7LCRDIE6
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7LCRDIE6 Datasheet HTML 14Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 15Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 16Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 17Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 18Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 19Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 20Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 21Page - STMicroelectronics ST7LCRDIE6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ST7LCR
18/29
tIDET
Detection time on Current
Overload
170(1)
1400(1)
µs
tOFF
VCRDVCC Turn off Time
CLOADmax ≤ 4.7uF
750
µs
tON
VCRDVCC Turn on Time
CLOADmax ≤ 4.7uF
150
500
µs
Smartcard CLKPin
VOL
Output Low Level Voltage
I=-50uA
-
-
0.4(1)
V
VOH
Output High Level Voltage
I=50uA
VCRDVCC-
0.5(1)
--
V
TOHL
Output H-L Fall Time(1)
Cl=30pF
-
20
ns
TOLH
Output L-H Rise Time(1)
Cl=30pF
-
20
ns
FVAR
Frequency variation(1)
-1
%
FDUTY
Duty cycle(1)
45
55
%
POL
Signal low perturbation(1)
-0.25
0.4
V
POH
Signal high perturbation(1)
VCRDVCC-0.5
VCRDVCC+0.2
5
V
ISGND
Short-circuit to Ground(1)
15
mA
Smartcard I/O Pin
VIL
Input Low Level Voltage
-
-
0.5(1)
V
VIH
Input High Level Voltage
0.6VCRDVCC
(1)
--
V
VOL
Output Low Level Voltage
I=-0.5mA
-
-
0.4 (1)
V
VOH
Output High Level Voltage
I=20uA
0.8VCRDVCC
(1)
-VCRDVCC
(1)
V
IL
Input Leakage Current (1)
VSS<VIN<VSC_PWR
-10
-
10
µA
IRPU
Pull-up Equivalent Resistance
VIN=VSS
24
30
k
Ω
TOHL
Output H-L Fall Time(1)
Cl=30pF
-
0.8
µs
TOLH
Output L-H Rise Time(1)
Cl=30pF
-
0.8
µs
ISGND
Short-circuit to Ground(1)
15
mA
Smartcard RST C4 and C8 Pin
VOL
Output Low Level Voltage
I=-0.5mA
-
-
0.4(1)
V
VOH
Output High Level Voltage
I=20uA
VCRDVCC-
0.5(1)
-VCRDVCC
(1)
V
TOHL
Output H-L Fall Time(1)
Cl=30pF
-
0.8
µs
TOLH
Output L-H Rise Time(1)
Cl=30pF
-
0.8
µs
ISGND
Short-circuit to Ground(1)
15
mA
1.
Data based on characterization results, not tested in production.
Table 16.
Smartcard supply supervisor electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com