Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT-20 Datasheet(PDF) 9 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 9 Page - ASAIR All Rights Reserved.

Back Button AHT-20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 13Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
9 / 16
5 Interface Definition
Table 5. Sensor pin distribution (top view)
5.1 Power Pin (VDD, GND)
The power supply range of the sensor is 2.2-5.5V. A decoupling capacitor of 10uF must be added between VDD
and GND to play a filtering role. VDD is better than SDA and SCL power on or synchronous power on, to avoid the
signal line (SCL/SDA) leakage current into the chip, resulting in power on the chip in the non-working state.
5.2 Serial Clock SCL
The serial clock is used to synchronize the communication between the microprocessor and sensor. Since the
interface contains completely static logic, there is no minimum SCL frequency.
5.3 Serial Data SDA
SDA pins are used for data input and output of the sensor. The SDA is effective on the rising edge of the serial
clock SCL when sending commands to the sensor, and the SDA must remain stable when the SCL is at high levels.
After the SCL falling edge, the SDA value can be changed. To ensure communication security, the effective time of
SDA should be extended to TSU and THO before the rising edge of SCL, and after the falling edge of SCL - refer
to Figure 17.When reading data from the sensor, the SDA is effective after the SCL is low (TV) and remains until
the falling edge of the next SCL.
Figure 16. Typical application circuit
Note:
1. The pull-up voltage of SCL and SDA must be powered by VDD, and the power supply voltage range is 2.2~ 5.5V;
2. Add 10μF decoupling capacitor between VDD and GND
3. In order to ensure that the sensor is not disturbed by the circuit, please add filter circuit to the VDD, such as R1 and C1 on
the typical circuit.
To avoid conflict of signal, the microprocessor (MCU) must be driven SDA and SCL only at low level, need an
external pull-up resistors (for example: 2.0 ~ 4.7 K Ω) will lift the signals to high level, pull-up resistance may have
often included in a microprocessor I/O circuits. Refer to Tables 7 and 8 for detailed information on sensor
input/output characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com