Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT-20 Datasheet(PDF) 14 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 14 Page - ASAIR All Rights Reserved.

Back Button AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 13Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 14Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 15Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 16Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
14 / 16
9 Environmental Stability
If the sensor is used in equipment or machinery, make sure that the sensor used for measurement and the sensor
used for reference sense the same temperature and humidity. If the sensor is placed in the equipment, the
response time will be prolonged, so ensure that sufficient measurement time is reserved in the program design.
The sensor is based on Austrian Song temperature and humidity sensor corporate standards are tested. The
performance of the sensor under other test conditions is not guaranteed and cannot be used as a part of the
sensor's performance. Especially for specific occasions required by users, no promises are made.
9.1 Tracking Information
All sensors have laser labels on their surfaces. See Figure 20.
Figure 20. Sensor laser marking.
The label on the carton is shown in Figure 15, and provides other tracking information.
A label is also attached to the tape, as shown in Figure 21, and other trace information is provided.
Figure 21. Label on the tape.
9.2 Transport packaging
Sensor is packaged in tape and reel, sealed in an antistatic ESD bag. The standard packaging size is 5000 sheets
per roll. For sensor packaging, the 440mm (Approximately 55 sensor capacity) and the front 200mm
(Approximately 30 sensor capacity) part of each reel is empty.
The packaging diagram with sensor positioning is shown in Figure 22. The reel is placed in an anti-static pocket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com