Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT-20 Datasheet(PDF) 3 Page - ASAIR All Rights Reserved.

Part # AHT-20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT-20 Datasheet(HTML) 3 Page - ASAIR All Rights Reserved.

  AHT-20 Datasheet HTML 1Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT-20 Datasheet HTML 9Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
3 / 16
Electrical Specifications
Package Information
Table 3. Electrical characteristics.
Table 4. Package
3 Expansion Performance
3.1 Operating Conditions
The sensor has stable performance within the recommended working range, as shown in Figure 4. Long-term
exposure to conditions outside the normal range, especially when the humidity is> 80%, may cause temporary
signal drift (drift + 3% RH after 60 hours). After returning to normal working conditions, the sensor will slowly self-
recover to the calibration state. Refer to "Recovery Processing" in section 4.3 to speed up the recovery process.
Long-term use under abnormal conditions will accelerate the aging of the product.
Figure 4. Working conditions
1. This accuracy is based on the sensor's test accuracy at a supply voltage of 3.3Vat 25°C when tested at the factory. This value
does not include hysteresis and non-linearity and applies only to non-condensing conditions.
2. Time required to achieve 63% first-order response at 25°C and 1 m/s airflow.
3. Normal operating range: 0-80%RH, beyond this range, there will be deviation in the sensor reading (after 60hours in 90%RH
humidity, drift >3%RH).
4. If there are volatile solvents, tapes with pungent odors , adhesives, and packaging materials around the sensor, the readings may
shift. For details, please refer to the relevant documents.
5. The minimum and maximum values for supply current and power consumption are based on VCC = 3.3V and T < 60°C. The mean
value is the value of one measurement taken in every two seconds.
6. The response time depends on the thermal conductivity of the sensor substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com