Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F800 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
RS-232 Serial Communications
Technical Summary, Rev. 2
Freescale Semiconductor
2-5
2.4 RS-232 Serial Communications
The 56F827EVM provides an RS-232 interface by the use of an RS-232 level converter, (Maxim
MAX3245EEAI, designated as U3). Refer to the RS-232 schematic diagram in Figure 2-3. The
RS-232 level converter transitions the SCI UART’s +3.3V signal levels to RS-232 compatible
signal levels and connects to the host’s serial port via connector P3. Flow control is not provided,
but could be implemented using uncommitted GPIO signals. The pinout of connector P3 is listed
in Table 2-2. The RS-232 level converter/transceiver can be disabled by placing a jumper at JG2.
56F827
RS-232
Level Converter
Interface
TXDO
RXDO
R1in
T1out
T1in
R1out
FORCEOFF
JG2
1
2
6
3
2
7
8
4
5
x
1
9
+3.3V
Jumper Removed:
Enable RS-232
Jumper Pin 1-2:
Disable RS-232
P3
Figure 2-3. Schematic Diagram of the RS-232 Interface
Table 2-2. RS-232 Serial Connector Description
P3
Pin #
Signal
Pin #
Signal
1
Jumper to 6 & 4
6
Jumper to 1 & 4
2
TXD
7
Jumper to 8
3
RXD
8
Jumper to 7
4
Jumper to 1 & 6
9
N/C
5GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com