Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F800 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Appendix B, Rev. 2
Freescale Semiconductor
B-3
Capacitors (Continued)
2
0.0022 F
C15, C16
SMEC, MCCE222K2NR-T1
3
0.47 F
C17, C18, C21
SMEC, MCCE474K3NR-T1
9
0.01 F
C33, C35, C39, C41, C43, C45, C49,
C52, C54
SMEC, MCCE103K2NR-T1
Jumpers
41
2, 2mm Header
JG1 - JG3, JG6
SAMTEC, TMM-102-03-S-S
23
1, 2mm Header
JG4, JG5
SAMTEC, TMM-103-03-S-S
14
2, 2mm Header
JG7
SAMTEC, TMM-104-03-S-D
Test Points
71
1, Pin
TP1 - TP7
Samtec, TSW-101-06-S-S
Crystals
1
4.00MHz Crystal
Y1
CTS, ATS04ASM-T
Connectors
1
2.1mm coax
Power Connector
P1
Switchcraft, RAPC-722
1
DB25M Connector
P2
AMPHENOL, 617-C025P-AJ121
1
DE9S Connector
P3
AMPHENOL, 617-C009S-AJ120
3
1/8” Stereo Jack
P4 - P6
Switchcraft, 35RAPC4BHN2
2
51-Pin HD Connector
J1, J2
FCI Framatome Conn, 91930-21151
1
7 x 2 Bergstick
J3
SAMTEC, TSW-107-07-S-D
1
2-Pin Terminal Block
TB1
On-Shore Technology, ED500/2DS
Switches
3
SPST Pushbutton
S1 - S3
Panasonic, EVQ-PAD05R
1
3-Position DIP SW
S4
CTS, 209-3LPST
Transistors
1
2N2222A
Q1
ZETEX, FMMT2222ACT
Qty.
Description
Ref. Designators
Vendor Part #s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com