Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F800 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Introduction, Rev. 2
Freescale Semiconductor
1-1
Chapter 1
Introduction
The 56F827EVM is used to demonstrate the abilities of the 56F827 and to provide a
hardware tool allowing the development of applications that use the 56F827.
The 56F827EVM is an evaluation module board that includes a 56F827 part, 16-bit stereo
codec, external memory and a daughter card expansion interface. The daughter card
expansion connectors are for signal monitoring and user feature expandability.
The 56F827EVM is designed for the following purposes:
•
Allowing new users to become familiar with the features of the 56800 architecture.
The tools and examples provided with the 56F827EVM facilitate evaluation of the
feature set and the benefits of the family.
•
Serving as a platform for real-time software development. The tool suite enables
the user to develop and simulate routines, download the software to on-chip or
on-board RAM, run it, and debug it using a debugger via the JTAG/OnCE
TM port.
The breakpoint features of the OnCE port enable the user to easily specify complex
break conditions and to execute user-developed software at full-speed, until the
break conditions are satisfied. The ability to examine and modify all user
accessible registers, memory and peripherals through the OnCE port greatly
facilitates the task of the developer.
•
Serving as a platform for hardware development. The hardware platform enables
the user to connect external hardware peripherals. The on-board peripherals can be
disabled, providing the user with the ability to reassign any and all of the
controller's peripherals. The OnCE port's unobtrusive design means that all of the
memory on the board and on the controller chip are available to the user.
1.1 56F827EVM Architecture
The 56F827EVM facilitates the evaluation of various features present in the 56F827 part.
The 56F827EVM can be used to develop real-time software and hardware products based



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com