Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APCI-IB40 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APCI-IB40
Description  32-bit PCI Local Bus I/O board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APCI-IB40 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APCI-IB40 Datasheet HTML 1Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 2Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 3Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Index Registers
Special Function Register
Interrupts
The APCI-IB40 has one interrupt output signal which is routed to an IRQ line during the PCI BIOS
initialisation. This interrupt line is expanded on board to provide two interrupt sources. These
interrupts are connected to the output signals from counter 0 and counter 1. An interrupt source
register has been provided at index 05H (See Index Registers table).
As PCI interrupts are level triggered the interrupt service routine must determine the source of the
interrupt then clear the interrupt, this is achieved by reading from the base address location. A PCI
BIOS call can be used to determine the IRQ signal assigned to this card.
Page 4
2192-09099-000-000
J591 APCI-IB40
05
Read
Interrupt source register
06-0F
N/A
Not Used
N/A
10
Read/Write
Counter 0
Refer to manufactures data
sheet for programming
information
Bit 0 = 1 Counter/Timer 0
Bit 1 = 1 Counter/Timer 1
Bit 2-7 Not used
11
Read/Write
Counter 1
12
Read/Write
Counter 2
13
Write
Timer/Counter Control Word
Index
80
Read/Write
Write
Register Name
User LED
Bit Function
81
Read
Board Ident
Bit 0-7 Always gives value of
00H for APCI-IB40
Bit 0 0 = LED off
1 = LED on
Bit 1-7 Not used
90
Write
Output buffer enable
Bit 0 0 = Outputs disabled
1 = Outputs enabled
Bit 1-7 Not used.
Index
00
Read/Write
Write
Register Name
Output Control Latches
I/O lines 0-7
Function
00
Read
Status of I/O lines 0-7
Bit 0-7 0 = Input ‘0’
1 = Input ‘1’
01
Write
Output Control Latches
I/O lines 8-15
Bit 0-7 0 = Output ‘0’
1 = Output ‘1’
Bit 0-7 0 = Output ‘0’
1 = Output ‘1’
01
Read
Status of I/O lines 8-15
Bit 0-7 0 = Input ‘0’
1 = Input ‘1’
02
Write
Output Control Latches
I/O lines 16-23
Bit 0-7 0 = Output ‘0’
1 = Output ‘1’
02
Read
Status of I/O lines 16-23
Bit 0-7 0 = Input ‘0’
1 = Input ‘1’
03
Write
Output Control Latches
I/O lines 24-31
Bit 0-7 0 = Output ‘0’
1 = Output ‘1’
03
Read
Status of I/O lines 24-31
Bit 0-7 0 = Input ‘0’
1 = Input ‘1’
04
Write
Output Control Latches
I/O lines 32-39
Bit 0-7 0 = Output ‘0’
1 = Output ‘1’
04
Read
Status of I/O lines 32-39
Bit 0-7 0 = Input ‘0’
1 = Input ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com