Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APCI-IB40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APCI-IB40
Description  32-bit PCI Local Bus I/O board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APCI-IB40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APCI-IB40 Datasheet HTML 1Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 2Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 3Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Introduction
The APCI-IB40 is a 32-bit PCI Local Bus I/O board which provides 40 digital I/O lines and three
timer/counters. Each I/O line can be configured as either an input or an output. The board also has
the facility to define the power-up/reset state of those lines to be used as outputs. The I/O
connector conforms to Arcoms standard signal conditioning system (SCS) and may be used to drive
a range of Signal Conditioning Boards (SCB), contact Arcom for more details.
Features
• 40 Digital I/O lines.
• Open collector output’s can sink 24mA @ 0.45V, Sources from 4K7 Ohm at +5V.
• Bit programmable for input or output.
• 8254 Compatible Timer/Counter (Three 16-bit Counters).
• Board Access LED (Red).
• User programmable LED (Green).
• 32-Bit PCI 2.1 Compliant Interface.
• EEPROM for PCI Interface configuration.
• 50 Way D-Type I/O Connector (Configured for Arcom Signal Conditioning System).
• Operating Temperature range 0 to +70 C.
• Power Consumption 220mA @ +5V.
• MTBF 370,030 hours (using generic figures from MIL-HDBK-217F at ground benign).
Getting Started
• Power down your PC system.
• Install the board in a spare PCI Slot (See Installation for CE compliance).
• Power up system with MSDOS.
• Run APCI.EXE (supplied on the utility disk), this will search for the board and check I/O access. If
this fails, check board is correctly located.
Warning
This board contains CCM
MO
OSS devices which may be damaged by static electricity. Please ensure anti-
static precautions are taken at all times when handling this board. If for any reason this board is
returned to Arcom Control Systems, please ensure it is adequately packed to prevent damage during
shipment.
APCI-IB40
2192-09099-000-000
J591 APCI-IB40
Page 1


Similar Part No. - APCI-IB40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APCI-35104700EM8S32 ETC2-APCI-35104700EM8S32 Datasheet
511Kb / 2P
Supports three independent displays
APCI-3510D4700EM4 ETC2-APCI-3510D4700EM4 Datasheet
511Kb / 2P
Supports three independent displays
APCI-3510G4700EM4 ETC2-APCI-3510G4700EM4 Datasheet
511Kb / 2P
Supports three independent displays
APCI-3510L4700EM4 ETC2-APCI-3510L4700EM4 Datasheet
511Kb / 2P
Supports three independent displays
APCI-3510P4700EM4 ETC2-APCI-3510P4700EM4 Datasheet
511Kb / 2P
Supports three independent displays
More results

Similar Description - APCI-IB40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6953 NSC-LMC6953 Datasheet
218Kb / 12P
PCI Local Bus Power Supervisor
logo
Oxford Semiconductor
OX9160 OXFORD-OX9160 Datasheet
233Kb / 38P
PCI Peripheral Bridge with EPP Parallel Port & 8/32 bit local bus
logo
PLX Technology
PCI9052 PLX-PCI9052 Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9056 PLX-PCI9056 Datasheet
446Kb / 4P
32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??and Generic 32-bit, 66MHz Local Bus Designs
PCI9656 PLX-PCI9656 Datasheet
438Kb / 4P
64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??& Generic 32-bit, 66MHz Local Bus Designs
logo
Contec Co., Ltd
AIO-121601UE3-PE CONTEC-AIO-121601UE3-PE Datasheet
704Kb / 5P
1MSPS 12-bit Analog I/O Board for PCI Express
AIO-160802LI-PE CONTEC-AIO-160802LI-PE Datasheet
270Kb / 4P
Isolated 16-bit Analog I/O Board for PCI Express
AIO-161601E3-PE CONTEC-AIO-161601E3-PE Datasheet
368Kb / 5P
100KSPS 16-bit Analog I/O Board for PCI Express
DIO-6464T2-PCI CONTEC-DIO-6464T2-PCI Datasheet
308Kb / 4P
Digital I/O Board for PCI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com