Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APCI-IB40 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # APCI-IB40
Description  32-bit PCI Local Bus I/O board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APCI-IB40 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button APCI-IB40 Datasheet HTML 2Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 3Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 4Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 5Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 6Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 7Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 8Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 9Page - List of Unclassifed Manufacturers APCI-IB40 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Page 7
2192-09099-000-000
J591 APCI-IB40
D-50 I/O Connector (PL1) Pin Assignments
The pin assignments are listed with the pin number of the D-50 connector and also the pin number
when a 50-way IDC ribbon cable is connected to the D-50. The pin assignments conform to the
Arcom signal conditioning system (SCS) and may be connected to an external signal conditioning
board.
Signal Name
D-type
Pin No.
Ribbon
Cable
Signal Name
D-type
Pin No.
Ribbon
Cable
0V
1
1
0V
34
2
I/O Line 0
18
3
I/O Line 1
2
4
I/O Line 2
I/O Line 3
I/O Line 4
I/O Line 5
I/O Line 6
I/O Line 7
0V
I/O Line 32
I/O Line 8
I/O Line 9
I/O Line 10
I/O Line 11
I/O Line 12
I/O Line 13
I/O Line 14
I/O Line 15
0V
I/O Line 33
I/O Line 16
(CT1 O/P)
I/O Line 17
(CT2 O/P)
I/O Line 18
I/O Line 19
I/O Line 20
I/O Line 21
I/O Line 22
I/O Line 23
0V
I/O Line 34
I/O Line 24
(Gate 1 I/P)
I/O Line 25
(CLK 1 I/P)
I/O Line 26
(Gate 2 I/P)
I/O Line 27
(CLK 2 I/P)
I/O Line 28
I/O Line 29
I/O Line 30
I/O Line 31
0V
I/O Line 35
I/O Line 36
35
19
3
36
20
4
37
21
5
38
22
6
39
23
7
40
24
8
41
25
9
42
26
10
43
27
11
44
28
12
45
29
13
46
30
14
47
31
15
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
I/O Line 37
I/O Line 38
I/O Line 39
–12V
+12V
+5V
+5V
48
32
16
49
33
17
50
44
45
46
47
48
49
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com