Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB833AFILF Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 9DB833AFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB833AFILF Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 9DB833AFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 9Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 10Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 11Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 12Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 13Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 14Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 15Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
9DB833
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
12
9DB833
MAY 25, 2018
SMBus Table: Frequency Select Register, READ/WRITE ADDRESS (Selectable)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
PD_Mode
PD# drive mode
RW
driven
Hi-Z
1
Bit 6
OE_Mode
OE#_Stop drive mode
RW
driven
Hi-Z
0
Bit 5
0
Bit 4
X
Bit 3
MODE1
BYPASS#/PLL1
RW
Latched
Bit 2
1
Bit 1
MODE0
BYPASS#/PLL0
RW
Latched
Bit 0
SRC_DIV#
SRC Divide by 2 Select
RW
x/2
x/1
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_7
Output Enable
RW
Disable
Enable
1
Bit 6
DIF_6
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_5
Output Enable
RW
Disable
Enable
1
Bit 4
DIF_4
Output Enable
RW
Disable
Enable
1
Bit 3
DIF_3
Output Enable
RW
Disable
Enable
1
Bit 2
DIF_2
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_1
Output Enable
RW
Disable
Enable
1
Bit 0
DIF_0
Output Enable
RW
Disable
Enable
1
NOTE: The SMBus Output Enable Bit must be '1' AND the respective OE pin must be active for the output to run.
SMBus Table: OE Pin Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DIF_7
DIF_7 Stoppable with OE7#
RW
Free-run
Stoppable
0
Bit 6
DIF_6
DIF_6 Stoppable with OE6#
RW
Free-run
Stoppable
0
Bit 5
DIF_5
DIF_5 Stoppable with OE5#
RW
Free-run
Stoppable
0
Bit 4
DIF_4
DIF_4 Stoppable with OE4#
RW
Free-run
Stoppable
0
Bit 3
DIF_3
DIF_3 Stoppable with OE3#
RW
Free-run
Stoppable
0
Bit 2
DIF_2
DIF_2 Stoppable with OE2#
RW
Free-run
Stoppable
0
Bit 1
DIF_1
DIF_1 Stoppable with OE1#
RW
Free-run
Stoppable
0
Bit 0
DIF_0
DIF_0 Stoppable with OE0#
RW
Free-run
Stoppable
0
NOTE: If you wish the default to be "Stoppable" see the 9DB834.
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
Reserved
Reserved
Reserved
See Operating Mode
Readback Table
See Operating Mode
Readback Table
Byte 0
-
-
-
-
-
-
-
-
16,17
30,29
20,21
34,33
30,29
20,21
16,17
12,13
8,9
Byte 2
42,41
38,37
34,33
12,13
8,9
Byte 3
Byte 1
42,41
38,37
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com