Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB833AFILF Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 9DB833AFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB833AFILF Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 9DB833AFILF Datasheet HTML 11Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 12Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 13Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 14Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 15Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 16Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 17Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 18Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
9DB833
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
16
9DB833
MAY 25, 2018
Package Outline Drawings (48-pin SSOP)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
INDEX
AREA
1 2
48
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
2.412.80.095
.110
A1
0.20
0.40
.008
.016
b
0.200.34.008
.0135
c
0.130.25.005
.010
D
15.75
16.00
.620
.630
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291
.299
e
0.635 BASIC
0.025 BASIC
h
0.380.64.015
.025
L
0.501.02.020
.040
0
8
0
8
Part / Order Number
Shipping Packaging
Package
Temperature
9DB833AFLF
Tubes
48-pin SSOP
0 to +70°C
9DB833AFLFT
Tape and Reel
48-pin SSOP
0 to +70°C
9DB833AGLF
Tubes
48-pin TSSOP
0 to +70°C
9DB833AGLFT
Tape and Reel
48-pin TSSOP
0 to +70°C
9DB833AFILF
Tubes
48-pin SSOP
-40 to +85°C
9DB833AFILFT
Tape and Reel
48-pin SSOP
-40 to +85°C
9DB833AGILF
Tubes
48-pin TSSOP
-40 to +85°C
9DB833AGILFT
Tape and Reel
48-pin TSSOP
-40 to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com