Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB833AFILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DB833AFILF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB833AFILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DB833AFILF Datasheet HTML 1Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 2Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 3Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 4Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 5Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 6Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 7Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB833AFILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATASHEET
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
9DB833
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
1
9DB833
MAY 25, 2018
Description
The 9DB833 zero-delay buffer supports PCIe Gen3
requirements, while being backwards compatible to PCIe
Gen2 and Gen1. The 9DB833 is driven by a differential
SRC output pair from an IDT 932S421 or 932SQ420 or
equivalent main clock generator.
Typical Applications
8 output PCIe Gen1–3 zero delay/fanout buffer
Output Features
• 8 0.7V current-mode differential HCSL output pairs
• Supports zero delay buffer mode and fanout mode
• Selectable bandwidth
• 50–110MHz operation in PLL mode
• 5–166MHz operation in Bypass mode
Features
• 3 selectable SMBus addresses; multiple devices can
share the same SMBus segment
• OE# pins; suitable for Express Card applications
• PLL or bypass mode; PLL can dejitter incoming clock
• Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLLs
• Spread spectrum compatible; tracks spreading input
clock for low EMI
• SMBus interface; unused outputs can be disabled
• Supports undriven differential outputs in Power Down
mode for power management
Key Specifications
• Outputs cycle-cycle jitter <50ps
• Output to output skew <50ps
• Phase jitter: PCIe Gen3 <1.0ps rms
Block Diagram
LOCK
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(7:0))
CONTROL
LOGIC
BYP#_LOBW_HIBW
SMBDAT
SMBCLK
PD#
SPREAD
COMPATIBLE
PLL
8
IREF
OE(7:0)#
8
M
U
X


Similar Part No. - 9DB833AFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DB833 ICST-9DB833 Datasheet
240Kb / 18P
SMBus Interface; unused outputs can be disabled
REV G 082515
logo
Integrated Device Techn...
9DB833 IDT-9DB833 Datasheet
240Kb / 18P
PLL or bypass mode
logo
Renesas Technology Corp
9DB833 RENESAS-9DB833 Datasheet
407Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
More results

Similar Description - 9DB833AFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
Eight Output Differential Buffer for PCIe Gen 2
logo
Renesas Technology Corp
9DB433 RENESAS-9DB433 Datasheet
431Kb / 18P
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB833 RENESAS-9DB833 Datasheet
407Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9EX21531 RENESAS-9EX21531 Datasheet
364Kb / 19P
Fifteen Output Differential Buffer w/2 input mux for PCIe Gen1/2/3
10/25/16
9EX21831 RENESAS-9EX21831 Datasheet
324Kb / 18P
Eighteen Output Differential Buffer w/2 input mux for PCIe Gen1/2/3
2019
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com