Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91EB Datasheet(PDF) 3 Page - Semtech Corporation

Part # RD91EB
Description  ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RD91EB Datasheet(HTML) 3 Page - Semtech Corporation

  RD91EB Datasheet HTML 1Page - Semtech Corporation RD91EB Datasheet HTML 2Page - Semtech Corporation RD91EB Datasheet HTML 3Page - Semtech Corporation RD91EB Datasheet HTML 4Page - Semtech Corporation RD91EB Datasheet HTML 5Page - Semtech Corporation RD91EB Datasheet HTML 6Page - Semtech Corporation RD91EB Datasheet HTML 7Page - Semtech Corporation RD91EB Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 05/11/2005
RD2.0E~RD200E
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
ZZK (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
RD9.1EB
8.33
9.29
RD9.1EB1
8.33
8.70
RD9.1EB2
8.61
8.99
RD9.1EB3
8.89
9.29
20
8
20
120
0.5
0.5
6
RD10EB
9.19
10.30
RD10EB1
9.19
9.59
RD10EB2
9.48
9.90
RD10EB3
9.82
10.30
20
8
20
120
0.5
0.2
7
RD11EB
10.18
11.26
RD11EB1
10.18
10.63
RD11EB2
10.50
10.95
RD11EB3
10.82
11.26
10
10
10
120
0.5
0.2
8
RD12EB
11.13
12.30
RD12EB1
11.13
11.63
RD12EB2
11.50
11.92
RD12EB3
11.80
12.30
10
12
10
110
0.5
0.2
9
RD13EB
12.18
13.62
RD13EB1
12.18
12.71
RD13EB2
12.59
13.16
RD13EB3
13.03
13.62
10
14
10
110
0.5
0.2
10
RD15EB
13.48
15.02
RD15EB1
13.48
14.09
RD15EB2
13.95
14.56
RD15EB3
14.42
15.02
10
16
10
110
0.5
0.2
11
RD16EB
14.87
16.50
RD16EB1
14.87
15.50
RD16EB2
15.33
15.96
RD16EB3
15.79
16.50
10
18
10
150
0.5
0.2
12
RD18EB
16.34
18.30
RD18EB1
16.34
17.06
RD18EB2
16.90
17.67
RD18EB3
17.51
18.30
10
23
10
150
0.5
0.2
13
RD20EB
18.11
20.72
RD20EB1
18.11
18.92
RD20EB2
18.73
19.57
RD20EB3
19.38
20.22
RD20EB4
19.88
20.72
10
28
10
200
0.5
0.2
15
RD22EB
20.23
22.61
RD22EB1
20.23
21.08
RD22EB2
20.76
21.65
RD22EB3
21.22
22.09
RD22EB4
21.68
22.61
5
30
5
200
0.5
0.2
17
RD24EB
22.26
24.81
RD24EB1
22.26
23.12
RD24EB2
22.75
23.73
RD24EB3
23.29
24.27
RD24EB4
23.81
24.81
5
35
5
200
0.5
0.2
19
RD27EB
24.26
27.64
RD27EB1
24.26
25.52
RD27EB2
24.97
26.26
RD27EB3
25.63
26.95
RD27EB4
26.29
27.64
5
45
5
250
0.5
0.2
21
RD30EB
26.99
30.51
RD30EB1
26.99
28.39
RD30EB2
27.70
29.13
RD30EB3
28.36
29.82
RD30EB4
29.02
30.51
5
55
5
250
0.5
0.2
23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com