Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91EB Datasheet(PDF) 5 Page - Semtech Corporation

Part # RD91EB
Description  ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RD91EB Datasheet(HTML) 5 Page - Semtech Corporation

  RD91EB Datasheet HTML 1Page - Semtech Corporation RD91EB Datasheet HTML 2Page - Semtech Corporation RD91EB Datasheet HTML 3Page - Semtech Corporation RD91EB Datasheet HTML 4Page - Semtech Corporation RD91EB Datasheet HTML 5Page - Semtech Corporation RD91EB Datasheet HTML 6Page - Semtech Corporation RD91EB Datasheet HTML 7Page - Semtech Corporation RD91EB Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 05/11/2005
RD2.0E~RD200E
RD11E
VZ - Zener Voltage - V
VZ - Zener Voltage - V
(a)
(b)
RD6.2E
2
4
6
8
RD4.7E
RD5.1E
RD5.6E
RD4.3E
10
8
7
10
9
RD10E
RD3.6E
RD3.9E
Iz - Vz CHARACTERISTICS
TYP.
Ta=25 C
RD9.1E
P=500mW
RD2.4E
RD3.0E
RD3.3E
RD2.7E
RD2.2E
RD2.0E
RD8.2E
RD6.8E
RD7.5E
P=500mW
15
13
12
11
14
RD13E
RD12E
Ta=25 C
TYP.
VZ - Zener Voltage - V
(c)
12
16
14
13
15
17 18 19 20
VZ - Zener Voltage - V
(d)
16
20
18
24
22
30
26 28
32
P=500mW
RD16E
RD15E
RD18E
RD20E
Ta=25 C
TYP.
P=500mW
RD22E
RD24E
RD30E
RD27E
TYP.
Ta=25 C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com