Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91EB Datasheet(PDF) 1 Page - Semtech Corporation

Part # RD91EB
Description  ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RD91EB Datasheet(HTML) 1 Page - Semtech Corporation

  RD91EB Datasheet HTML 1Page - Semtech Corporation RD91EB Datasheet HTML 2Page - Semtech Corporation RD91EB Datasheet HTML 3Page - Semtech Corporation RD91EB Datasheet HTML 4Page - Semtech Corporation RD91EB Datasheet HTML 5Page - Semtech Corporation RD91EB Datasheet HTML 6Page - Semtech Corporation RD91EB Datasheet HTML 7Page - Semtech Corporation RD91EB Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RD2.0E~RD200E
ZENER DIODES
Features
•
DHD (Double Heatsink Diode) Construction
•
Vz: Applied E24 standard (RD130E to RD200E: 10 volts step).
•
DO-35 Glass sealed package.
Applications
Circuits for Constant Voltage, Constant Current,
Waveform clipper, Surge absorber, etc.
Absolute Maximum Ratings (Ta = 25
O
C)
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
tot
500
mW
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
200
mA
Reverse Surge Power
at t = 10µs
PRSM
100
W
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
j
175
O
C
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
S
-65 to +175
O
C
®
РАДИОТЕХ-ТРЕЙД
Тел.: (495) 795-0805
Факс: (495) 234-1603
Эл. почта: info@rct.ru
Веб: www.rct.ru


Similar Part No. - RD91EB

ManufacturerPart #DatasheetDescription
logo
NEC
RD91EB NEC-RD91EB Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD91EB SEMTECH_ELEC-RD91EB Datasheet
477Kb / 8P
ZENER DIODES
logo
NEC
RD91EB1 NEC-RD91EB1 Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
RD91EB2 NEC-RD91EB2 Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
RD91EB3 NEC-RD91EB3 Datasheet
95Kb / 12P
500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD91EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com