Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH21 Datasheet(PDF) 1 Page - FLEXTRAL

Part # MH21
Description  MH21 Flex-Cord Fabric Grout & Plaster
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

MH21 Datasheet(HTML) 1 Page - FLEXTRAL

  MH21 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MH21 Flex-Cord Fabric Grout & Plaster
www.
.com
MH20 Flex-Cord Fabric Placement Assemblies
V01.24
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
MH21-125
11/4
1.93
1,200
0.85
100’
MH21-150
11/2
2.32
1,200
1.23
100’
MH21-200
2
2.84
1,200
1.56
100’
Application:
General concrete applications include concrete placement, wet gunning, plastics, shot crete, and
grout hose at high-pressure.
Construction:
Tube - Abrasion resistant synthetic rubber for maximum resistance
Reinforcement - Synthetic yarn
Cover - White, wrapped finish, non-marking cover
Branding - FLEXTRAL MH21-200 2” FLEX-CORD CONCRETE PLACEMENT 1200 PSI MAX WP
4.9 LBS/FT
Temperature Range:
-30ºC to +85ºC (-22ºF to +185ºF)
Part No.
Hose
Size & Length
End 1
End 2
Attaching
Method
MH21-150MMIE050-CS
11/2” x 50’
M-NPT
M-NPT
Internally Expanded
MH21-150GGIE050-CS
11/2” x 50’
Grooved
Grooved
Internally Expanded
MH21-200MMIC050-HS
2” x 50’
M-NPT
M-NPT
Full Flow Crimp
MH21-200HDHDIC050-HS
2” x 50’
Heavy-Duty
Heavy-Duty
Full Flow Crimp
MH21-200GGIC050-HS
2” x 50’
Grooved
Grooved
Full Flow Crimp
GROOVED
MALE PIPE
HEAVY-DUTY/
CALIFORNIA RAISED
148mm
EUROPEAN METRIC
*Call for additional fittings, lengths and assemblies.


Similar Part No. - MH21

ManufacturerPart #DatasheetDescription
logo
Rohm
MH2101WZ ROHM-MH2101WZ Datasheet
234Kb / 3P
650V 30A Fast Recovery Diode
2019.08 - Rev.A
MH2102WZ ROHM-MH2102WZ Datasheet
232Kb / 3P
650V 50A Fast Recovery Diode
2019.08 - Rev.A
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
650V 60A Fast Recovery Diode
2019.08 - Rev.A
logo
M-System Co.,Ltd.
MH210A MSYSTEM-MH210A Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
MicroPower Direct, LLC
MH212D-05RW MPD-MH212D-05RW Datasheet
400Kb / 2P
Wide Input, 2W Ultra-Miniature DC/DC Converters
More results

Similar Description - MH21

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Broadcom Corporation.
BCM8320 BOARDCOM-BCM8320 Datasheet
235Kb / 2P
DUAL 10G FABRIC INTERFACE
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
List of Unclassifed Man...
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Bertech.
AFWSB BERTECH-AFWSB Datasheet
113Kb / 1P
ESD Fabric Wrist Straps
logo
Renesas Technology Corp
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
logo
SIKA BUILDING TRUST
100 SIKA-100 Datasheet
993Kb / 4P
Parex 100 Newton Grout
Version 02.01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com