Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC12065D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPSC12065D
Description  SiC Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPSC12065D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPSC12065D Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPSC12065D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPSC12065D
SiC Schottky Diode
www.iscsemi.com
1
DESCRIPTION
· High forward surge capability
· Power efficient product
· Dedicated to PFC applications
APPLICATIONS
·
DC/DC converter
·
High frequency inverter
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
650
V
IFAV
Average Forward Rectified Current
Tc = 145 °C,DC
12
A
IFSM
Forward Peak Surge Current
(tp = 10 ms sinusoidal, TC = 25 °C)
50
A
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.25
℃
/W
ELECTRICAL CHARACTERISTICS(TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 12A;TJ= 25℃
--
--
1.45
V
IF= 12A;TJ= 150℃
--
--
1.65
IR
Reverse Current
VR=VRRM;TJ= 25℃
--
--
150
uA
VR=VRRM;TJ=150℃
--
--
1000


Similar Part No. - STPSC12065D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
Dedicated to PFC applications
10-May-2016
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y_V01 Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC12065G-TR STMICROELECTRONICS-STPSC12065G-TR Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
More results

Similar Description - STPSC12065D

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com