Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003S Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD55003S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD55003S Datasheet HTML 5Page - STMicroelectronics PD55003S Datasheet HTML 6Page - STMicroelectronics PD55003S Datasheet HTML 7Page - STMicroelectronics PD55003S Datasheet HTML 8Page - STMicroelectronics PD55003S Datasheet HTML 9Page - STMicroelectronics PD55003S Datasheet HTML 10Page - STMicroelectronics PD55003S Datasheet HTML 11Page - STMicroelectronics PD55003S Datasheet HTML 12Page - STMicroelectronics PD55003S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
PD55003 - PD55003S
TEST CIRCUIT COMPONENT PART LIST
COMPONENT
DESCRIPTION
B1,B2
SHORT FERRIT BEAD, FAIR RITE PRODUCTS (2743021446)
C1,C14
240pf, 100 mil CHIP CAPACITOR
C2,C3,C4,C10,C11,
C12
0 TO 20pf TRIMMER CAPACITOR
C5
130pf, 100 mil CHIP CAP
C6,C17
120pf, 100 mil CHIP CAP
C7,C14
10
µf, 50V ELECTROLYTIC CAPACITOR
C8,C15
1.200pf, 100 mil CHIP CAP
C9,C16
0.1 F, 100 mil CHIP CAP
L1
55.5 nH, 5 TURN, COILCRAFT
N1,N2
TYPE N FLANGE MOUNT
R1
15 OHM, 0805 CHIP RESISTOR
R2
1.0 K OHM, 1/8 W RESISTOR
R3
15 OHM, 0805 CHIP RESISTOR
R4
33 K OHM, 1/8 W RESISTOR
Z1
0.175’’ X 0.080’’ MICROSTRIP
Z2
1.049’’ X 0.080’’ MICROSTRIP
Z3
0.289’’ X 0.080’’ MICROSTRIP
Z4
0.026’’ X 0.080’’ MICROSTRIP
Z5
0.192’’ X 0.223’’ MICROSTRIP
Z6,Z7
0.260’’ X 0.223’’ MICROSTRIP
Z8
0.064’’ X 0.080’’ MICROSTRIP
Z9
0.334’’ X 0.080’’ MICROSTRIP
Z10
0.985’’ X 0.080’’ MICROSTRIP
Z11
0.472’’ X 0.080’’ MICROSTRIP
BOARD
ROGER ULTRA LAM 2000 THK 0.030”
ε
r = 2.55 2oz ED Cu BOTH SIDES
TEST CIRCUIT SCHEMATIC
RF
INPUT
Z1
Z3
R4
R1
C3
Z2
C2
C9
C8
VGG
+
B1
C17
C16
C15
C14
VDD
Z5
Z7
B2
L1
C7
+
R3
C6
C1
Z6
R2
Z8
C5
C11
Z9
C12
Z10
Z11
N2
OUTPUT
RF
C13
DUT
C4
Z4
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com