Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003S Datasheet(PDF) 15 Page - STMicroelectronics

Part # PD55003S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PD55003S Datasheet HTML 11Page - STMicroelectronics PD55003S Datasheet HTML 12Page - STMicroelectronics PD55003S Datasheet HTML 13Page - STMicroelectronics PD55003S Datasheet HTML 14Page - STMicroelectronics PD55003S Datasheet HTML 15Page - STMicroelectronics PD55003S Datasheet HTML 16Page - STMicroelectronics PD55003S Datasheet HTML 17Page - STMicroelectronics PD55003S Datasheet HTML 18Page - STMicroelectronics PD55003S Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15/19
PD55003 - PD55003S
COMMON SOURCE S-PARAMETER (PD55003S)
(VDS = 12.5V IDS = 0.8A)
FREQ
IS
11IS11∠Φ
IS
21IS21∠Φ
IS
12IS12∠Φ
IS
22IS22∠Φ
(MHz)
50
0.807
-137
26.18
102
0.025
12
0.682
-140
100
0.809
-156
13.41
88
0.026
0
0.683
-157
150
0.827
-163
8.92
81
0.025
-6
0.677
-162
200
0.838
-167
6.64
75
0.024
-12
0.698
-165
250
0.842
-169
5.24
69
0.026
-13
0.704
-166
300
0.849
-171
4.28
64
0.022
-19
0.720
-167
350
0.856
-172
3.57
59
0.023
-21
0.736
-167
400
0.866
-173
3.03
54
0.021
-28
0.758
-168
450
0.873
-174
2.61
50
0.020
-30
0.773
-168
500
0.881
-174
2.26
46
0.056
-27
0.797
-169
550
0.891
-175
1.99
42
0.018
-36
0.806
-170
600
0.896
-176
1.76
39
0.017
-35
0.825
-171
650
0.902
-176
1.58
36
0.016
-38
0.831
-171
700
0.908
-177
1.42
33
0.015
-39
0.834
-172
750
0.910
-178
1.29
30
0.014
-40
0.845
-174
800
0.916
-179
1.18
27
0.012
-43
0.859
-174
850
0.922
-180
1.08
25
0.011
-40
0.864
-175
900
0.926
180
1.00
22
0.009
-44
0.878
-176
950
0.927
179
0.93
19
0.010
-43
0.892
-178
1000
0.929
178
0.85
17
0.007
-34
0.905
-178
1050
0.937
178
0.80
15
0.007
-30
0.901
-179
1100
0.934
177
0.75
12
0.006
-29
0.910
-179
1150
0.934
177
0.70
10
0.006
-29
0.914
-180
1200
0.937
176
0.65
7
0.005
-23
0.912
180
1250
0.941
175
0.62
5
0.005
-25
0.912
179
1300
0.938
175
0.57
3
0.005
-3
0.909
177
1350
0.941
174
0.54
1
0.004
3
0.906
176
1400
0.941
174
0.51
-1
0.004
18
0.918
176
1450
0.939
173
0.48
-2
0.003
21
0.925
174
1500
0.939
172
0.45
-3
0.002
42
0.931
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com