Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003S Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD55003S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD55003S Datasheet HTML 10Page - STMicroelectronics PD55003S Datasheet HTML 11Page - STMicroelectronics PD55003S Datasheet HTML 12Page - STMicroelectronics PD55003S Datasheet HTML 13Page - STMicroelectronics PD55003S Datasheet HTML 14Page - STMicroelectronics PD55003S Datasheet HTML 15Page - STMicroelectronics PD55003S Datasheet HTML 16Page - STMicroelectronics PD55003S Datasheet HTML 17Page - STMicroelectronics PD55003S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PD55003 - PD55003S
14/19
COMMON SOURCE S-PARAMETER (PD55003S)
(VDS = 12.5V IDS = 0.15A)
FREQ
IS
11IIS21IIS12IS12∠Φ
IS
22IS22∠Φ
(MHz)
50
0.790
-120
22
107
0.038
17
0.682
-114
100
0.773
-145
11
89
0.039
-2
0.647
-138
150
0.791
-154
7
78
0.039
-9
0.640
-147
200
0.807
-159
5
70
0.037
-19
0.671
-151
250
0.820
-162
4
63
0.036
-23
0.691
-154
300
0.836
-164
3
56
0.033
-29
0.728
-156
350
0.850
-166
3
50
0.032
-33
0.751
-158
400
0.867
-167
2
45
0.030
-36
0.782
-160
450
0.880
-169
2
40
0.027
-43
0.808
-161
500
0.890
-170
2
36
0.024
-43
0.835
-163
550
0.902
-171
1
33
0.023
-50
0.845
-165
600
0.911
-172
1
29
0.022
-51
0.864
-166
650
0.919
-173
1
26
0.020
-55
0.872
-167
700
0.923
-174
1
23
0.018
-52
0.884
-169
750
0.924
-176
1
20
0.016
-55
0.887
-170
800
0.933
-177
1
18
0.015
-55
0.895
-172
850
0.936
-177
1
15
0.015
-56
0.912
-173
900
0.940
-178
1
13
0.012
-59
0.916
-174
950
0.943
-179
1
11
0.011
-53
0.926
-176
1000
0.944
-180
1
8
0.008
-60
0.943
-177
1050
0.949
180
1
7
0.007
-64
0.935
-177
1100
0.948
179
0
4
0.007
-44
0.944
-178
1150
0.950
178
0
3
0.006
-44
0.939
-179
1200
0.950
177
0
-1
0.005
-50
0.942
-180
1250
0.955
177
0
-2
0.004
-42
0.941
179
1300
0.951
176
0
-4
0.004
-41
0.933
178
1350
0.953
175
0
-5
0.004
-50
0.933
177
1400
0.953
175
0
-7
0.002
-41
0.947
176
1450
0.952
173
0
-9
0.002
-13
0.952
175
1500
0.949
173
0
-10
0.000
-3
0.958
174
S
11∠Φ
S
21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com