Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD55015
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015 Datasheet(HTML) 2 Page - STMicroelectronics

  PD55015 Datasheet HTML 1Page - STMicroelectronics PD55015 Datasheet HTML 2Page - STMicroelectronics PD55015 Datasheet HTML 3Page - STMicroelectronics PD55015 Datasheet HTML 4Page - STMicroelectronics PD55015 Datasheet HTML 5Page - STMicroelectronics PD55015 Datasheet HTML 6Page - STMicroelectronics PD55015 Datasheet HTML 7Page - STMicroelectronics PD55015 Datasheet HTML 8Page - STMicroelectronics PD55015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PD55015 - PD55015S
2/10
PD55015S
Frequency
MHz
Zin
Ω
Zdl
Ω
480
1.43 - j1.27
1.47 + j.65
500
1.62 - j1.05
1.49 + j.58
520
1.57 - j.91
1.35 +j.36
PIN CONNECTION
SOURCE
DRAIN
GATE
SC15200
ELECTRICAL SPECIFICATION(TCASE =25 0C)
STATIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
IDSS
VGS =0 V
VDS =28 V
1
µA
IGSS
VGS =20 V
VDS =0 V
1
µA
VGS(Q)
VDS =10 V
ID = 150 mA
2.0
5.0
V
VDS(ON)
VGS =10 V
ID = 2.5 A
0.8
V
gFS
VDS =10 V
ID = 2.5 A
2.0
2.5
mho
CISS
VGS =0 V
VDS = 12.5 V
f = 1 MHz
89
pF
COSS
VGS =0 V
VDS = 12.5 V
f = 1 MHz
60
pF
CRSS
VGS =0 V
VDS = 12.5 V
f = 1 MHz
6.5
pF
DYNAMIC
Symbol
Parameter
Min.
Typ.
Max.
Unit
POUT
f = 500 MHz
VDD = 12.5 V
IDQ =150 mA
15
W
GPS
f = 500 MHz
VDD = 12.5 V
POUT =15 W
IDQ =150 mA
13.5
dB
ηD
f = 500 MHz
VDD = 12.5 V
POUT =15 W
IDQ =150 mA
50
%
LOAD
Mismatch
f = 500 MHz
VDD = 15.5 V
POUT =15 W
IDQ =150 mA
ALL PHASE ANGLES
20:1
VSWR
PD55015
Frequency
MHz
Zin
Ω
Zdl
Ω
480
2.13 - j1.09
1.55 + j.34
500
1.95 - j.31
1.63 - j.25
520
1.83 - j.70
1.43 + j.30
D
S
Typical Input
Impedance
Zin
G
ZDL
Typical Drain
Load Impedance
SC13140
IMPEDANCE DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com