Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD55015
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015 Datasheet(HTML) 3 Page - STMicroelectronics

  PD55015 Datasheet HTML 1Page - STMicroelectronics PD55015 Datasheet HTML 2Page - STMicroelectronics PD55015 Datasheet HTML 3Page - STMicroelectronics PD55015 Datasheet HTML 4Page - STMicroelectronics PD55015 Datasheet HTML 5Page - STMicroelectronics PD55015 Datasheet HTML 6Page - STMicroelectronics PD55015 Datasheet HTML 7Page - STMicroelectronics PD55015 Datasheet HTML 8Page - STMicroelectronics PD55015 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
PD55015 - PD55015S
Capacitance vs. Drain Voltage
0
5
10
15
20
25
VDS, DRAIN-SOURCE VOLTAGE (V)
1
10
100
1000
Ciss
Coss
Crss
f=1MHz
Drain Current vs. Gate Voltage
2.5
3
3.5
4
4.5
5
Vgs, GATE-SOURCE VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
VDS=10 V
Gate-Source Volatge vs. Case Temperature
-25
0
25
50
75
Tc, CASE TEMPERATURE (
°C)
0.96
0.98
1
1.02
1.04
ID =.25A
ID =1A
ID = 1.5A
ID =2A
ID =3A
VDS=10V
TYPICAL PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com