Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55015 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD55015
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD55015 Datasheet HTML 2Page - STMicroelectronics PD55015 Datasheet HTML 3Page - STMicroelectronics PD55015 Datasheet HTML 4Page - STMicroelectronics PD55015 Datasheet HTML 5Page - STMicroelectronics PD55015 Datasheet HTML 6Page - STMicroelectronics PD55015 Datasheet HTML 7Page - STMicroelectronics PD55015 Datasheet HTML 8Page - STMicroelectronics PD55015 Datasheet HTML 9Page - STMicroelectronics PD55015 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PD55015 - PD55015S
6/10
Return Loss vs. Output Power
0246
8
10
12
14
16
18
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
VDD =12.5V
IDQ=150mA
480MHz
500MHz
520MHz
520MHz
Output Power vs. Bias Current
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
8
10
12
14
16
18
20
VDD=12.5V
Pin=0.5 W
480MHz
500MHz
520MHz
Drain Efficiency vs. Bias Current
0
200
400
600
800
1000
Idq, BIAS CURRENT (mA)
30
40
50
60
70
VDD=12.5V
Pin=0.5W
480MHz
500MHz
520MHz
Output Power vs. Drain Voltage
7
8
9
10
11
12
13
141516
17
VDS, DRAIN-SOURCE VOLTAGE (V)
0
5
10
15
20
25
Idq=150mA
Pin=0.5W
480MHz
500MHz
520MHz
Drain Efficency vs. Drain Voltage
7
8
9
10
11
12
13
14
15
16
17
VDS, DRAIN-SOURCE VOLTAGE (V)
30
40
50
60
70
Idq=150mA
Pin=0.5W
480MHz
500MHz
520MHz
Output Power vs. Gate Bias Voltage
0
0.5
1
1.5
2
2.5
3
3.5
VGS, GATE BIAS VOLTAGE (V)
0
5
10
15
20
VDD=12.5V
Pin=0.5W
480MHz
500MHz
520MHz
TYPICAL PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com