Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6888NETE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6888NETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6888NETE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6888NETE Datasheet HTML 6Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 7Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 8Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 9Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 10Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 11Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 12Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 13Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Hex/Quad, Power-Supply Supervisory Circuits
12
______________________________________________________________________________________
MARGIN
VCC
WDI
WDO
OV
LOGIC OUTPUT
LOGIC INPUT
LOGIC INPUT
GND
VCC
GND
*MAX6887 ONLY
µP
DC-DC
1
BP
DC-DC
2
DC-DC
3
DC-DC
4
IN1
IN2
IN3
IN4
1.5V
IN5*
IN6*
12V
MR
RESET
RESET
12V
5V
3.3V
2.5V
1.8V
MAX6887
MAX6888
1.2V
Typical Operating Circuit
Pin Configurations
16
12
34
12
11
10
9
15
14
13
5
6
7
8
IN1
IN2
IN3
IN4
MR
MARGIN
WDI
I.C.
TOP VIEW
MAX6887
*EXPOSED PAD
THIN QFN
*EXPOSED PAD CONNECTED TO GND.
16
12
34
12
11
10
9
15
14
13
5
6
7
8
IN1
IN2
IN3
IN4
MR
MARGIN
WDI
I.C.
MAX6888
*EXPOSED PAD
THIN QFN
*EXPOSED PAD CONNECTED TO GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com