Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6888NETE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6888NETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6888NETE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6888NETE Datasheet HTML 1Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 2Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 3Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 4Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 5Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 6Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 7Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 8Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Hex/Quad, Power-Supply Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN1–VIN4 or VCC = 2.7V to 5.8V, WDI = GND, MARGIN = MR = BP, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
IN1–IN6, VCC, RESET, OV, WDO .............................-0.3V to +6V
WDI, MR, MARGIN ...................................................-0.3V to +6V
BP .............................................................................-0.3V to +3V
Input/Output Current (all pins)..........................................±20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin 5mm x 5mm Thin QFN
(derate 20.8mW/°C above +70°C) ..............................1667mW
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
(Note 3)
Voltage on either one of IN1–IN4 or VCC to
guarantee the part is fully operational
2.7
5.8
V
Supply Current
ICC
VIN1 = 5.8V, IN2–IN6 = GND, no load
0.9
1.2
mA
IN1–IN6, IN_ falling, TA = +25°C to +85°C
-1
+1
Threshold Accuracy
(See the Selector Guide)
VTH
IN1–IN6, IN_ falling, TA = -40°C to +85°C
-1.5
+1.5
% VTH
Threshold Hysteresis
VTH-HYST
0.3
% VTH
Threshold Tempco
∆VTH/°C
10
ppm/°C
IN_ Input Impedance
RIN
For VIN_ < highest VIN1IN4 and
VIN_ < VCC (not ADJ), thresholds are not set
as adjustable
130
200
300
k
IN5, IN6 (MAX6887 only)
IN_ Input Leakage Current
IIN
IN1–IN4 set as adjustable thresholds
-150
+150
nA
Power-Up Delay
tD-PO
VCC
≥ 2.5V
2.5
ms
IN_ to RESET or OV Delay
tD-R
IN_ falling/rising, 100mV overdrive
20
µs
RESET Timeout Period
tRP
180
200
220
ms
OV Timeout Period
tOP
25
µs
RESET, OV, and WDO Output
Low
VOL
ISINK = 4mA, output asserted
0.4
V
RESET, OV, and WDO Output
Open-Drain Leakage Current
ILKG
Output high impedance
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com