Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6888NETE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6888NETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6888NETE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6888NETE Datasheet HTML 1Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 2Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 3Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 4Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 5Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 6Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 7Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 8Page - Maxim Integrated Products MAX6888NETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Hex/Quad, Power-Supply Supervisory Circuits
_______________________________________________________________________________________
3
Note 1: 100% production tested at TA = +25°C and TA = +85°C. Specifications at TA = -40°C are guaranteed by design.
Note 2: Device may be supplied from any one of IN1–IN4 or VCC.
Note 3: The internal supply voltage, measured at VCC, equals the maximum of IN1–IN4.
Note 4: Versions Q and R require that power be applied through VCC.
ELECTRICAL CHARACTERISTICS (continued)
(VIN1–VIN4 or VCC = 2.7V to 5.8V, WDI = GND, MARGIN = MR = BP, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
0.6
MR, MARGIN, WDI Input Voltage
VIH
1.4
V
MR Input Pulse Width
tMR
1µs
MR Glitch Rejection
100
ns
MR to RESET or OV Delay
tD-MR
200
ns
MR to Internal BP Pullup Current
IMR
VMR = 1.4V
5
10
15
µA
MARGIN to Internal BP Pullup
Current
IMARGIN
VMARGIN = 1.4V
5
10
15
µA
WDI Pulldown Current
IWDI
VWDI = 0.6V
5
10
15
µA
WDI Input Pulse Width
50
ns
tWDI
Initial
92.16
102.4
112.64
Watchdog Timeout Period
tWD
Normal
1.44
1.6
1.76
s
Typical Operating Characteristics
(VIN1–VIN4 or VCC = 5V, WDI = GND, MARGIN = MR = BP, TA = +25°C, unless otherwise noted.)
IN1–IN4 SUPPLY CURRENT
vs. IN1–IN4 SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.6
4.6
3.6
0.75
0.80
0.85
0.90
0.95
1.00
0.70
2.6
TA = +85
°C
TA = +25
°C
TA = -40
°C
VCC SUPPLY CURRENT
vs. VCC SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.6
4.6
3.6
0.75
0.80
0.85
0.90
0.95
1.00
0.70
2.6
TA = +85
°C
TA = +25
°C
TA = -40
°C
185
190
195
200
210
205
215
220
180
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com