Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22NZ-RMM-NRA Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # A22NZ-RMM-NRA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NRA Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button A22NZ-RMM-NRA Datasheet HTML 9Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 10Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 11Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 12Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 13Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 14Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 15Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 16Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
A22NN/A22NL
13
Ordering Information
Accessories and Tools (Order Separately)
Item
Appearance
Classification
Model
Remarks
Tightening Wrench
---
A22NZ-A-301
Used to tighten Mounting Nuts
from the back of the panel.
LED Lamp Extractor
---
A22NZ-A-302
Made of rubber and used to easily
remove and attach LED Lamps.
Protective Cover
---
A22NZ-A-303
A protector designed to prevent
incorrect operation. Cannot be
used together with other accesso-
ries. (Rubber seal included.)
Plastic Hole Plug
Round
A22NZ-A-401
Can be plugged into precut panel
holes for future expansion.
Applicable panel thickness: 0.8 to
3.0 mm
For 22.3-mm panel hole diameter.
Metal Hole Plug
Round
A22NZ-A-402
Can be plugged into precut panel
holes for future expansion.
Applicable panel thickness: 0.8 to
6.0 mm (Rubber seal included.)
Lock Ring
Round
A22NZ-A-403
Used when a more secure lock is
required to prevent rotation inside
the Operation Unit.
(Rubber seal included.)
For 22.3-mm panel hole diameter.
Lock Ring
---
A22NZ-A-50501
Used when a more secure lock is
required to prevent rotation of the
Operation Unit.
Control Box
1 hole
A22NZ-A-B01Y
Cap Tightening
Wrench
---
A22Z-3908
Used to replace the Caps on Flat,
Projected, and Full-guard Push-
button Switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com