Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22NZ-RMM-NRA Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # A22NZ-RMM-NRA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NRA Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button A22NZ-RMM-NRA Datasheet HTML 22Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 23Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 24Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 25Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 26Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 27Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 28Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 29Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 30Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
A22NN/A22NL
26
Attaching Character Films
• To attach a character film, remove the Button and attach the film,
aligning it with the straight portions of the Legend Plate.
• Prepare films of the following sizes depending on the type of
Legend Plate.
Removing and Tightening the Cap
For all Switches except for Mushroom Switches, use the A22Z-3908
Cap Tightening Tool to loosen the cap. When you tighten the cap,
make sure that the Legend Plate is in the correct position and then
turn the cap in the direction opposite of the direction shown in the
following figure. Tighten it to a torque of 0.5 to 1.0 N·m so that it will
not become loose.
Attaching the LED Lamp to the Lighting Unit
• Insert the protrusions on the LED Lamp into the guides on the
Lighting Unit and then turn the LED Lamp in direction (2) to lock it
in place.
Attaching and Replacing LED Lamps
Removing the LED Lamp from the Panel Surface
• Insert the LED Lamp Extractor as shown in the following figure and
then rotate the Extractor in the direction shown at (2) while
pressing it inward.
Attaching the LED Lamp from the Panel Surface
• Insert the LED Lamp into the LED Lamp Extractor as shown in the
following figure. Align the projections on the LED Lamp with the
LED Lamp insertion guides, insert the LED Lamp, and turn it in the
direction indicted at (2).
Projected,
Full-guard, or
Mushroom
Switches
Legend
Plate di-
mensions
Film dimen-
sions
Flat Switches
Legend
Plate di-
mensions
Film dimen-
sions
Button
Legend Plate
Flange
Button
Legend Plate
Button
Legend Plate
Button
Legend Plate
Projected Switches
Full-guard Switches
Mushroom Switches
Flat Switches
Display range
5.15
1.6
15.9 dia.
15.4 dia.
T = 0.1 to 0.2 mm
15.4
17.1
dia.
0
−0.2
0
−0.2
Display range
1.30
2.00
17.7 dia.
T = 0.1 to 0.2 mm
17.5
19.6
dia.
0
−0.2
0
−0.2
(2)
(1)
(2)
(1)
(2)
(1)
(2)
(1)
(2)
(1)
LED Lamp insertion guides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com