Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22NZ-RMM-NRA Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A22NZ-RMM-NRA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-NRA Datasheet(HTML) 3 Page - Omron Electronics LLC

  A22NZ-RMM-NRA Datasheet HTML 1Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 2Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 3Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 4Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 5Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 6Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 7Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 8Page - Omron Electronics LLC A22NZ-RMM-NRA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
A22NN/A22NL
3
Model Number Structure
Model Number Legend - - - - - Shipped as a set that includes the Operation Unit, LED Lamp, Mounting Collar, and Contact Block.
For information on combinations, refer to Ordering Information on pages 4 to 7.
Model Numbers for Sets
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8) (9)
A22N L - BN M - TR A - G 100 - R B
(1) Type
(2) Bezel Material and Button Shape
(3) Switch Action
(4) Button Transparency and Color and (8) LED Lamp Color
*
The color is opaque white when the Switch is lit.
Code
Description
N
Non-lighted
L
Lighted
Code
Bezel material
Button shape
BN
Plastic
Flat
BP
Plastic
Projected
BG
Plastic
Full guard
MN
Brushed metal
Flat
MP
Brushed metal
Projected
MG
Brushed metal
Full guard
RN
Metal
Flat
RP
Metal
Projected
Code
Description
M
Momentary
A
Alternate
Lighted/non-lighted
Code (4) Code (8)
Transparency
Button color
LED lamp
color
Non-lighted
NR
N
Opaque
Red
---
NG
N
Opaque
Green
NY
N
Opaque
Yellow
NW
N
Opaque
White
NA
N
Opaque
Blue
NB
N
Opaque
Black
Lighted
TR
R
Transparent
Red
Red
TG
G
Transparent
Green
Green
TY
Y
Transparent
Yellow
Yellow
TW
W
Transparent
White
White
TA
A
Transparent
Blue
Blue
TO
O
Transparent
Orange
Orange
TW
Y
Transparent
White *
Yellow
(5) Degree of Protection
(6) Contact Specification
(7) Contacts
Note: 1.
NO (blue): Normally open, NC (orange):
Normally closed.
2.
Refer to the following figure for Unit positions.
(9) LED Lamp Voltage
Code
Description
A
IP66, NEMA 4X, NEMA13
Code
Description
G
General purpose
Code
Contact
Blocks
Unit position
Non-lighted
Lighted
NO
NC
(1)
(2)
(3)
(1)
(2)
(3)
100
1
0
NO ---
--- NO
Lighting Unit
---
002
0
1
---
--- NC ---
Lighting Unit
NC
101
2
0
NO --- NO NO
Lighting Unit
NO
102
1
1
NO --- NC NO
Lighting Unit
NC
202
0
2
NC --- NC NC
Lighting Unit
NC
Code
LED Lamp voltage
N
Non-lighted
B
12 VAC/DC
C
24 VAC/DC
D
100/110/120 VAC
■ Specifications: Refer to page 15.
■ Precautions for correct use: Refer to page 23.
■ Dimensions: Refer to page 17.
■ Accessories and tools: Refer to page 13.
Note: Not all assembled configurations are possible.
Please refer to the subassemblies section for additional options.
Please refer to the specifications section for examples of linked contact block options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com