Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5021 Datasheet(PDF) 5 Page - Infinite Electronics International, Inc.

Part # FMSW5021
Description  SMA Reflective SP4T PIN Diode Switch From 0.5 GHz to 6 GHz Rated at 130 Watt Pulsed (51 dBm) and Hermetically Sealed with Heatsink
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW5021 Datasheet(HTML) 5 Page - Infinite Electronics International, Inc.

  FMSW5021 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
5
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA Reflective SP4T PIN Diode Switch From
0.5 GHz to 6 GHz Rated at 130 Watt Pulsed
(+51 dBm) and Hermetically Sealed with Heatsink
FMSW5021
Insertion Loss @+85
℃℃
Input VSWR @+85
℃℃
Output VSWR @+85
℃℃
Isolation @+85
℃℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com