Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5021 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMSW5021
Description  SMA Reflective SP4T PIN Diode Switch From 0.5 GHz to 6 GHz Rated at 130 Watt Pulsed (51 dBm) and Hermetically Sealed with Heatsink
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW5021 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSW5021 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
1
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA Reflective SP4T PIN Diode Switch From
0.5 GHz to 6 GHz Rated at 130 Watt Pulsed
(+51 dBm) and Hermetically Sealed with Heatsink
FMSW5021
Features
• Reflective SP4T High Power PIN Diode Switch
• Reflective Design
• Frequency Range: 0.5 GHz to 6 GHz
• Insertion Loss: 2.9 dB max
• Isolation: 33 dB typ
• VSWR: 1.8:1 max
• Maximum RF Input Power: 130 Watt
• Input IP3: +50 dBm typ
• Switching Speed: 300 nsec
• TTL Compatible Driver Circuitry
• 50 Ohm Design
• SMA Female Connectors
• Compact Package Design withstands up to 95% Relative
Humidity
• -40°C to +85°C Operating Temperature
Applications
• Aerospace & Defense
• Microwave Radio
• Military & Commercial Communication
• VSAT
• SATCOM
• Test & Measurement
• Wireless Infrastructure
• Fiber Optics
Description
The FMSW5021 is a single pole four throw (SP4T) PIN diode switch that operates across a wide frequency band from 500 MHz to 6 GHz. The
50 ohm reflective design supports TTL compatible driver circuitry for accurate logic control. Impressive typical performance includes 2.9 dB
insertion loss max, 33 dB isolation min, and 300 nsec switching speed max. The switch requires a bias voltage of +5Vdc, and has maximum
input power handling of up to 130 W. The rugged and compact package supports field replaceable SMA female RF connectors and solder
terminal pins for DC bias voltage and TTL control. The switch is designed for high reliability with a wide operational temperature range of -40°C
to +85°C, and meets a series of environmental test conditions including Altitude, Vibration, Humidity, and Shock.
Electrical Specifications
TTL Control Logic
Off/Isolation: "0" 0 to 0.8 V
On/Low Loss: "1" 2.8 to 5 V
Description
Min
Typ
Max
Units
Frequency Range
0.5
6
GHz
Impedance
50
Ohms
Insertion Loss
2.9
dB
IL Temperature Coefficient
0.003
Isolation
33
dB
Switching Time
300
ns
0.1dB Compression Point
47
Input IP3
50
dBm
Power In, Hot Switching (CW)
51.2
Watts
DC Power Dissipation
2
Watt
Positive Operating Voltage
5
Vdc
Current @ 5 Vdc
200
mA
Operating Temperature
-40
85
deg C


Similar Part No. - FMSW5021

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSW5020 FAIRVIEW-FMSW5020 Datasheet
518Kb / 4P
N-Type Reflective SPDT PIN Diode Switch From 1 GHz to 2 GHz Rated at 70 Watt (48.45 dBm) with Heatsink
REV A
FMSW5022 FAIRVIEW-FMSW5022 Datasheet
581Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
FMSW5023 FAIRVIEW-FMSW5023 Datasheet
607Kb / 8P
SP4T USB Ethernet Controlled High Isolation Absoptive Switch 500 MHz to 50 GHz, 2.4mm
REV A
FMSW5024 FAIRVIEW-FMSW5024 Datasheet
651Kb / 8P
SP4T USB LAN Controlled High Isolation Absoptive Switch 500 MHz to 43.5 GHz, 2.92mm
REV A
FMSW5025 FAIRVIEW-FMSW5025 Datasheet
592Kb / 8P
SPDT USB Ethernet Controlled High Isolation Absoptive Switch 100 MHz to 50 GHz, 2.4mm
REV A
More results

Similar Description - FMSW5021

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
0.5 to 2.5 GHz SP4T Switch
Rev 0.1
logo
Tyco Electronics
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Pasternack Enterprises,...
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
logo
Hexawave, Inc
HWS519_V1 HW-HWS519_V1 Datasheet
59Kb / 2P
GaAs 0.5-6 GHz SP4T Switch
logo
Pasternack Enterprises,...
PE71S6208 PASTERNACK-PE71S6208 Datasheet
551Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 4 GHz Up To plus 30 dBm
logo
Analog Devices
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com