Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSW5021 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMSW5021
Description  SMA Reflective SP4T PIN Diode Switch From 0.5 GHz to 6 GHz Rated at 130 Watt Pulsed (51 dBm) and Hermetically Sealed with Heatsink
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSW5021 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMSW5021 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMSW5021 Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
2
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA Reflective SP4T PIN Diode Switch From
0.5 GHz to 6 GHz Rated at 130 Watt Pulsed
(+51 dBm) and Hermetically Sealed with Heatsink
FMSW5021
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
0.5 to 3
3 to 6
GHz
Insertion Loss, Max
2
2.9
dB
Insertion Loss, Typ
1.8
2.8
dB
Isolation, Min
35
33
dB
Isolation, Typ
45
40
dB
Electrical Specification Notes:
1. If the device operates in high power state, recommend keeping case temperature lower than 60 degrees C.
2. Cold Switching: Before changing any TTL signal(s), the RF input power must be blanked or the switch could be damaged.
Absolute Maximum Rating
Parameter
Rating
Biasing
+5V±10%
.
TTL Control Voltage
0~0.8V/2.8~5V
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Mechanical Specifications
Size
Length
1.97 in [50.04 mm]
Width
1.97 in [50.04 mm]
Height
0.47 in [11.94 mm]
Weight
0.05 lbs [22.68 g]
Body Material and Plating
Aluminum, Nickel
Configuration
Design
Reflective, SP4T
RF Input/Output Connector
SMA Female
Band Type
Wideband
Environmental Specifications
Temperature
Operating Range
-40 to 85 deg C
Storage Range
-50 to -105 deg C
Humidity
100% RH at 35ºc, 95%RH at 40ºc
Shock
20G for 11msec half sine wave,3 axis both directions
Vibration
25g RMS (15 degrees 2KHz) endurance, 1 hour per axis
Altitude
30,000 ft. (Epoxy Sealed Controlled environment)?
60,000 ft. 1.0psi min
Hermetic Seal
Optional



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com