Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2 Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD4235G2
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD4235G2 Datasheet HTML 76Page - STMicroelectronics PSD4235G2 Datasheet HTML 77Page - STMicroelectronics PSD4235G2 Datasheet HTML 78Page - STMicroelectronics PSD4235G2 Datasheet HTML 79Page - STMicroelectronics PSD4235G2 Datasheet HTML 80Page - STMicroelectronics PSD4235G2 Datasheet HTML 81Page - STMicroelectronics PSD4235G2 Datasheet HTML 82Page - STMicroelectronics PSD4235G2 Datasheet HTML 83Page - STMicroelectronics PSD4235G2 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
PSD4235G2
80/89
Table 67. Port F Peripheral Data Mode Read Timing
Figure 46. Peripheral I/O Read Timing
Symbol
Parameter
Conditions
-70
-90
Turbo
Off
Unit
Min
Max
Min
Max
tAVQV–PF
Address Valid to Data
Valid
(Note 3)
30
35
+ 12
ns
tSLQV–PF
CSI Valid to Data Valid
25
35
+ 12
ns
tRLQV–PF
RD to Data Valid
(Notes 1,4)
21
32
ns
RD to Data Valid 8031 Mode
31
38
ns
tDVQV–PF
Data In to Data Out Valid
22
30
ns
tQXRH–PF
RD Data Hold Time
0
0
ns
tRLRH–PF
RD Pulse Width
(Note 1)
27
32
ns
tRHQZ–PF
RD to Data High-Z
(Note 1)
23
25
ns
tQXRH (PF)
tRLQV (PF)
tRLRH (PF)
tDVQV (PF)
tRHQZ (PF)
tSLQV (PF)
tAVQV (PF)
ADDRESS
DATA VALID
ALE /AS
A /D BUS
RD
DATA ON PORT F
CSI
AI05740



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com