Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2 Datasheet(PDF) 56 Page - STMicroelectronics

Part # PSD4235G2
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PSD4235G2 Datasheet HTML 52Page - STMicroelectronics PSD4235G2 Datasheet HTML 53Page - STMicroelectronics PSD4235G2 Datasheet HTML 54Page - STMicroelectronics PSD4235G2 Datasheet HTML 55Page - STMicroelectronics PSD4235G2 Datasheet HTML 56Page - STMicroelectronics PSD4235G2 Datasheet HTML 57Page - STMicroelectronics PSD4235G2 Datasheet HTML 58Page - STMicroelectronics PSD4235G2 Datasheet HTML 59Page - STMicroelectronics PSD4235G2 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
PSD4235G2
56/89
Figure 29. Port A, B and C Structure
Enable Out. The Enable Out register can be read
by the MCU. It contains the output enable values
for a given port. A 1 indicates the driver is in output
mode. A 0 indicates the driver is in tri-state and the
pin is in input mode.
Ports A, B and C – Functionality and Structure
Ports A, B and C have similar functionality and
structure, as shown in Figure 29. The ports can be
configured to perform one or more of the following
functions:
s
MCU I/O Mode
s
CPLD Output – Macrocells McellA7-McellA0
can be connected to Port A. McellB7-McellB0
can be connected to Port B. External Chip
Select (ECS7-ECS0) can be connected to Port
C or Port F.
s
CPLD Input – Via the Input Macrocells (IMC).
s
Address In – Additional high address inputs
using the Input Macrocells (IMC).
s
Open Drain/Slew Rate – pins PC7-PC0 can be
configured to fast slew rate. Pins PA7-PA0 can
be configured to Open Drain mode.
DATA OUT
Register
DQ
DQ
WR
WR
MCELL7-MCELL0 (Port A)
MCELLB7-MCELLB0 (Port B)
Ext.CS (Port C)
ENABLE PRODUCT TERM (.OE)
READ MUX
P
D
B
CPLD - INPUT
DIR Register
INPUT
MACROCELL
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT Pin
DATA OUT
AI04936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com